Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST802RT1B Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST802RT1B
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1B Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST802RT1B Datasheet HTML 27Page - STMicroelectronics ST802RT1B Datasheet HTML 28Page - STMicroelectronics ST802RT1B Datasheet HTML 29Page - STMicroelectronics ST802RT1B Datasheet HTML 30Page - STMicroelectronics ST802RT1B Datasheet HTML 31Page - STMicroelectronics ST802RT1B Datasheet HTML 32Page - STMicroelectronics ST802RT1B Datasheet HTML 33Page - STMicroelectronics ST802RT1B Datasheet HTML 34Page - STMicroelectronics ST802RT1B Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
ST802RT1A, ST802RT1B
Registers and descriptors description
Doc ID 17049 Rev 1
31/58
Jabber disable: 10BASE-T operation only. Bit 15 of the auxiliary control register allows the
user to disable the jabber detect function, defined in the IEEE standard. This function shuts
off the transmitter when a transmission request has exceeded a maximum time limit. By
writing a “1” to bit 15 of the auxiliary control register, the jabber detect function is disabled.
Writing a “0” to this bit or resetting the chip restores normal operation. Reading this bit
returns the value of jabber detect disable.
MDIO power saving: to reduce power consumption set this bit to '1'
Table 24.
RN18 [0d24, 0x18]: Auxiliary control register
Bit
Bit name
Description
Default
RW
Type
Type
15
Jabber disable
1 -> Disables jabber detection (10BaseT)
0 -> Normal operation
0RW
-
14
RESERVED
--
0
RW
-
13:8
RESERVED
--
000000b
RO
P
7:5
RESERVED
--
001b
RW
-
4
MDIO Power
Saving
1 -> Stops MDC clock when MDIO interface is idle
0 -> Normal operation
0RW
-
3:0
RESERVED
--
0111b
RO
-
Table 25.
RN19 [0d25, 0x19]: Auxiliary status register
Bit
Bit name
Description
Default
RW
Type
Type
15
Auto-Negotiation
complete
1 -> Auto-negotiation process completed
0 -> Auto-negotiation process not completed
Active only if auto-negotiation is enabled, else 0.
Same as RN01[5]
0RO
-
14
Auto-negotiation
ack
1 -> Auto-negotiation completed ack state
0 -> Auto-negotiation did not complete ack state
0RO
LH
13
Auto-negotiation
detect
1 -> Auto-negotiation entered ack state (ack match completed)
0 -> Acknowledge match not completed
0RO
LH
12
LP auto-
negotiation ability
1 -> Auto-negotiation in ability detect state
0 -> Auto-negotiation not in ability detect state
0RO
LH
11
Auto-negotiation
pause
1 -> Pause is enabled
0 -> Pause is disabled
Pause is active only after auto-negotiation completion, if both
devices support symmetric pause (RN04[10], RN05[10])
0RO
-
10:8
Auto-negotiation
HCD
Auto-negotiation highest common denominator:
000 -> No common denominator
001 -> 10Base-T half-duplex
010 -> 10Base-T full-duplex
011 -> 100Base-TX half-duplex
101 -> 100Base-TX full-duplex
000b
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com