Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA381BWS Datasheet(PDF) 90 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 86Page - STMicroelectronics STA381BWS Datasheet HTML 87Page - STMicroelectronics STA381BWS Datasheet HTML 88Page - STMicroelectronics STA381BWS Datasheet HTML 89Page - STMicroelectronics STA381BWS Datasheet HTML 90Page - STMicroelectronics STA381BWS Datasheet HTML 91Page - STMicroelectronics STA381BWS Datasheet HTML 92Page - STMicroelectronics STA381BWS Datasheet HTML 93Page - STMicroelectronics STA381BWS Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 171 page
background image
Register description: New Map
STA381BWS
90/171
Doc ID 018937 Rev 6
Figure 26.
Short-circuit detection timing diagram (no short detected)
In Figure 26 the short protection timing diagram is shown. The time information is expressed
in clock cycles, where the clock frequency is defined as in section Section 6.13.1: Master
clock select. The gray color is used for the short status bits to indicate that the bits are
carrying the status of the previous EAPD 0->1 toggling (to be noted that after reset this state
is meaningless since no EAPD transition occurs). The GND-related SHOK bits are updated
as soon as the gnd test is completed, the VCC bits are updated after vcc test is completed,
and the SOUT bit is updated after the shorted output test is completed. The gnd test, vcc
test and output test, are always run (if the SHEN bit is active and EAPD toggled to ‘1’), and
only if both tests are successful (no short) do the bridge outputs leave the tristate (indicated
by dotted lines in the figure). If one of the three tests (or all) fail, the power bridge outputs
are kept in the tristate until the procedure is restarted with a new EAPD toggling.
In this figure EAPD is intended to be bit 7 of register 0x05.
6.29
Extended coefficient range up to -4...4 (address 0x5A)
Biquads from 1 to 7 have in the STA381BWS the possibility to extend the coefficient range
from [-1,1) to [-4..4) which allows the use of high-shelf filters that may require a coefficient
dynamic greater in absolute value than 1.
Three ranges are available, [-1;1) [-2;2) [-4;4). By default, the extended range is activated.
Each biquad has its independent setting according to the following table.
EAPD
OUT1A
OUT1B
OUT2A
OUT2B
GNDSH]
VCCSH
OUTSH]
t
s
e
t
t
r
o
h
S
f
o
d
n
E
t
s
e
t
c
c
v
t
r
a
t
S
t
s
e
t
d
n
g
t
r
a
t
S
44
cycles
50005 cycles
50005 cycles
1cycle
Start out test
TBD cycles
D7
D6
D5
D4
D3
D2
D1
D0
CEXT_B4[1]
CEXT_B4[0]
CEXT_B3[1]
CEXT_B3[0]
CEXT_B2[1]
CEXT_B2[0]
CEXT_B1[1]
CEXT_B1[0]
10
10
10
1
0
D7
D6
D5
D4
D3
D2
D1
D0
reserved
reserved
CEXT_B7[1]
CEXT_B7[0]
CEXT_B6[1]
CEXT_B6[0]
CEXT_B51]
CEXT_B5[0]
00
10
10
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com