Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA381BWS Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 35Page - STMicroelectronics STA381BWS Datasheet HTML 36Page - STMicroelectronics STA381BWS Datasheet HTML 37Page - STMicroelectronics STA381BWS Datasheet HTML 38Page - STMicroelectronics STA381BWS Datasheet HTML 39Page - STMicroelectronics STA381BWS Datasheet HTML 40Page - STMicroelectronics STA381BWS Datasheet HTML 41Page - STMicroelectronics STA381BWS Datasheet HTML 42Page - STMicroelectronics STA381BWS Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 171 page
background image
STA381BWS
I2C bus specification
Doc ID 018937 Rev 6
39/171
5
I2C bus specification
The STA381BWS supports the I2C protocol via the input ports SCL and SDA_IN (master to
slave) and the output port SDA_OUT (slave to master). This protocol defines any device that
sends data on to the bus as a transmitter and any device that reads the data as a receiver.
The device that controls the data transfer is known as the master and the other as the slave.
The master always starts the transfer and provides the serial clock for synchronization. The
STA381BWS is always a slave device in all of its communications. It supports up to
400 kb/sec rate (fast-mode bit rate). The STA381BWS I2C is a slave-only interface. The I2C
interface works properly only in the case that the master clock generated by the PLL has a
frequency 10 times higher compared to the frequency of the applied SCL signal.
5.1
Communication protocol
5.1.1
Data transition or change
Data changes on the SDA line must only occur when the SCL clock is low. An SDA transition
while the clock is high is used to identify a START or STOP condition.
5.1.2
Start condition
START is identified by a high-to-low transition of the data bus SDA signal while the clock
signal SCL is stable in the high state. A START condition must precede any command for
data transfer.
5.1.3
Stop condition
STOP is identified by a low-to-high transition of the data bus SDA signal while the clock
signal SCL is stable in the high state. A STOP condition terminates communication between
the STA381BWS and the bus master.
5.1.4
Data input
During the data input the STA381BWS samples the SDA signal on the rising edge of clock
SCL. For correct device operation, the SDA signal must be stable during the rising edge of
the clock and the data can change only when the SCL line is low.
5.2
Device addressing
To start communication between the master and the STA381BWS, the master must initiate
with a start condition. Following this, the master sends to the SDA line 8 bits (MSB first)
corresponding to the device select address and read or write mode.
The seven most significant bits are the device address identifiers, corresponding to the I2C
bus definition. In the STA381BWS the I2C interface has two device addresses depending on
the SA port configuration, 0x38 when SA = 0, and 0x3A when SA = 1.
The eighth bit (LSB) identifies read or write operation RW, this bit is set to 1 for read mode
and to 0 for write mode. After a START condition the STA381BWS identifies on the bus the
device address and if a match is found, it acknowledges the identification on SDA bus during



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com