Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA381BWS Datasheet(PDF) 141 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 141 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 137Page - STMicroelectronics STA381BWS Datasheet HTML 138Page - STMicroelectronics STA381BWS Datasheet HTML 139Page - STMicroelectronics STA381BWS Datasheet HTML 140Page - STMicroelectronics STA381BWS Datasheet HTML 141Page - STMicroelectronics STA381BWS Datasheet HTML 142Page - STMicroelectronics STA381BWS Datasheet HTML 143Page - STMicroelectronics STA381BWS Datasheet HTML 144Page - STMicroelectronics STA381BWS Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 171 page
background image
STA381BWS
Register description: Sound Terminal compatibility
Doc ID 018937 Rev 6
141/171
7.13
Fault-detect recovery constant registers (addr 0x2B - 0x2C)
The FDRC bits specify the 16-bit fault-detect recovery time delay. When FAULT is asserted,
the TRISTATE output is immediately asserted low and held low for the time period specified
by this constant. A constant value of 0x0001 in this register is approximately 0.083 ms. The
default value of 0x300C gives approximately 1 sec.
0x0000 is a reserved value.
7.14
Device status register (addr 0x2D)
This read-only register provides fault and thermal-warning status information from the power
control block. Logic value 1 for faults or warning means normal state. Logic 0 means a fault
or warning detected on power bridge. The PLLUL = 1 means that the PLL is not locked.
7.15
EQ coefficients configuration register (addr 0x31)
The XOB bit can be used to bypass the crossover filters. Logic 1 means that the function is
not active. In this case, the high-pass crossover filter works as a pass-through on the data
path (b=0, all the other coefficients at logic 0 ) while the low-pass filter is configured to have
zero signal on channel 3 data processing (all the coefficients are at logic 0).
D7
D6
D5
D4
D3
D2
D1
D0
FDRC15
FDRC14
FDRC13
FDRC12
FDRC11
FDRC10
FDRC9
FDRC8
00
11
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
FDRC7
FDRC6
FDRC5
FDRC4
FDRC3
FDRC2
FDRC1
FDRC0
00
00
11
0
0
D7
D6
D5
D4
D3
D2
D1
D0
PLLUL
FAULT
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Table 153.
Status register bits
Bit
R/W
RST
Name
Description
7
R
-
PLLUL
0: PLL locked
1: PLL not locked
6R
-
FAULT
0: fault detected on power bridge
1: normal operation
D7
D6
D5
D4
D3
D2
D1
D0
XOB
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
00
00
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com