Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA529 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA529
Description  FFX??audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA529_12 Datasheet HTML 13Page - STMicroelectronics STA529_12 Datasheet HTML 14Page - STMicroelectronics STA529_12 Datasheet HTML 15Page - STMicroelectronics STA529_12 Datasheet HTML 16Page - STMicroelectronics STA529_12 Datasheet HTML 17Page - STMicroelectronics STA529_12 Datasheet HTML 18Page - STMicroelectronics STA529_12 Datasheet HTML 19Page - STMicroelectronics STA529_12 Datasheet HTML 20Page - STMicroelectronics STA529_12 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
STA529
Input clock
Doc ID 13095 Rev 3
17/57
4
Input clock
4.1
SELCLK33
In STA529 the oversampling clock comes from MCLK33 or from pin XTI. The selection is
done by applying the appropriate voltage to pin SELCLK33. If SELCLK33 is logical 1 then
MCLK33 is selected, otherwise XTI is selected.
If an external crystal is used, SELCLK33 pin must be connected to GND and the suggested
circuit shown below should be used.
Figure 4.
Circuit for crystal drive
STA529
External
components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com