Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA529 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA529
Description  FFX??audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA529_12 Datasheet HTML 29Page - STMicroelectronics STA529_12 Datasheet HTML 30Page - STMicroelectronics STA529_12 Datasheet HTML 31Page - STMicroelectronics STA529_12 Datasheet HTML 32Page - STMicroelectronics STA529_12 Datasheet HTML 33Page - STMicroelectronics STA529_12 Datasheet HTML 34Page - STMicroelectronics STA529_12 Datasheet HTML 35Page - STMicroelectronics STA529_12 Datasheet HTML 36Page - STMicroelectronics STA529_12 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
STA529
Serial audio interface
Doc ID 13095 Rev 3
33/57
9.3.3
PCM/IF (non-delayed mode)
●
MSB first
●
16-bit data
Figure 14.
PCM/IF (non-delayed mode)
9.3.4
PCM/IF (delayed mode)
●
MSB first
●
16-bit data
Figure 15.
PCM/IF (delayed mode)
LRCLKI/
LRCLKO
BICLKI/
BICLKO
SDATAI/
SDATAO
12 3
n-1 n
Any width
LRCLKI/
LRCLKO
BICLKI/
BICLKO
SDATAI/
SDATAO
12 3
n-1 n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com