Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7265B Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7265B
Description  30 W 30 W stereo amplifier with mute and standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7265B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7265B Datasheet HTML 3Page - STMicroelectronics TDA7265B Datasheet HTML 4Page - STMicroelectronics TDA7265B Datasheet HTML 5Page - STMicroelectronics TDA7265B Datasheet HTML 6Page - STMicroelectronics TDA7265B Datasheet HTML 7Page - STMicroelectronics TDA7265B Datasheet HTML 8Page - STMicroelectronics TDA7265B Datasheet HTML 9Page - STMicroelectronics TDA7265B Datasheet HTML 10Page - STMicroelectronics TDA7265B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TDA7265B
Electrical specifications
Doc ID 022601 Rev 1
7/18
SVR
Supply voltage rejection
75
dB
Tj
Thermal shutdown
145
°C
Mute function { ref.: +Vs }
VTmute
Mute / play threshold
-7
-6
-5
V
Am
Mute attenuation
75
dB
Standby function { ref.: +Vs }
VTst-by
Standby / mute threshold
-3.5
-2.5
-1.5
V
Ast-by
Standby attenuation
110
dB
Iq
Quiescent current at standby
8
mA
Table 4.
Electrical characteristcs (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com