Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7265B Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7265B
Description  30 W 30 W stereo amplifier with mute and standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7265B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7265B Datasheet HTML 6Page - STMicroelectronics TDA7265B Datasheet HTML 7Page - STMicroelectronics TDA7265B Datasheet HTML 8Page - STMicroelectronics TDA7265B Datasheet HTML 9Page - STMicroelectronics TDA7265B Datasheet HTML 10Page - STMicroelectronics TDA7265B Datasheet HTML 11Page - STMicroelectronics TDA7265B Datasheet HTML 12Page - STMicroelectronics TDA7265B Datasheet HTML 13Page - STMicroelectronics TDA7265B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Mute standby function
TDA7265B
10/18
Doc ID 022601 Rev 1
4
Mute standby function
Pin 5 (MUTE/St-By) controls the amplifier status using two different thresholds with
reference to +VS :
●
when Vpin5 is greater than or equal to +VS - 2.5 V, the amplifier is in standby mode and
the final stage generators are off
●
when Vpin5 is between +VS - 2.5V and +VS 6 V, the final stage current generators are
switched on and the amplifier is in mute mode
●
when Vpin5 is less than +VS - 6 V, the amplifier is in play mode.
Figure 11.
Mute/standby thresholds on pin 5
t
OFF
STDBY
MUTE
MUTE
MUTE
MUTE
PLAY
STDBY
PLAY
OFF
STDBY
26
+VS
(V)
-26
-VS
VIN
(mV)
Vpin5
(V)
VS
VS-2.5
VS-6
VS-10
Iq
(mA)
0
VOUT
(V)
D04AU1570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com