Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7375AV Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7375AV
Description  2 x 37 W dual/quad power amplifier for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375AV Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7375AV_12 Datasheet HTML 2Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 3Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 4Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 5Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 6Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 7Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 8Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 9Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical specification
TDA7375AV
6/20
Doc ID 6325 Rev 4
2
Electrical specification
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical characteristics
Refer to the test circuit, VS = 14.4V; RL = 4Ω; f = 1kHz; Tamb = 25°C, unless otherwise
specified.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vop
Operating supply voltage
18
V
VS
DC supply voltage
28
V
Vpeak
Peak supply voltage (for t = 50 ms)
40
V
IO
Output peak current (not repetitive t = 100
μs)
4.5
A
IO
Output peak current (repetitive f > 10 Hz)
3.5
A
Ptot
Power dissipation (Tcase = 85 °C)
36
W
Tstg, Tj
Storage and junction temperature
-40 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction-to-case
max
1.8
°C/W
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage range
-
8
-
18
V
Id
Total quiescent drain current
RL = ∞
-
-
150
mA
VOS
Output offset voltage
-
-
-
150
mV
PO
Output power
THD = 10 %; RL = 4 Ω
Bridge
Single Ended
Single Ended, RL = 2 Ω
23
6.5
25
7
12
-
W
W
W
PO max
Max. output power(1)
VS = 14.4 V, Bridge
37
43
W
PO EIAJ
EIAJ output power(1)
VS = 13.7 V, Bridge
33
37
W
THD
Distortion
RL = 4 Ω
Single Ended, PO = 0.1 to 4 W
Bridge, PO = 0.1 to 10 W
-0.02
0.03
-
0.3
%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com