Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7375AV Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7375AV
Description  2 x 37 W dual/quad power amplifier for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375AV Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7375AV_12 Datasheet HTML 11Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 12Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 13Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 14Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 15Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 16Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 17Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 18Page - STMicroelectronics TDA7375AV_12 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TDA7375AV
Functional description
Doc ID 6325 Rev 4
15/20
capacitor Cout for any reason is shorted, the loudspeaker will not be damaged being this soft
short circuit condition revealed.
Figure 23.
Single ended configuration
4.6.1
Diagnostics facility
The TDA7375AV is equipped with a diagnostic circuitry able to detect the following events:
●
Clipping in the output signal
●
Thermal shutdown
●
Output fault
–
short to GND
–
short to VS
–
soft short at turn on
The information is available across an open collector output (pin 10) through a current
sinking when the event is detected. A current sinking at pin 10 is triggered when a certain
distortion level is reached at any of the outputs. This function allows gain compression
possibility whenever the amplifier is over driven.
4.6.2
Thermal shutdown
In this case the output 10 will signal the proximity of the junction temperature to the
shutdown threshold. Typically current sinking at pin 10 will start ~10 °C before the shutdown
threshold is reached.
Figure 24.
Clipping detection waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com