Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7419 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7419
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7419 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7419_09 Datasheet HTML 21Page - STMicroelectronics TDA7419_09 Datasheet HTML 22Page - STMicroelectronics TDA7419_09 Datasheet HTML 23Page - STMicroelectronics TDA7419_09 Datasheet HTML 24Page - STMicroelectronics TDA7419_09 Datasheet HTML 25Page - STMicroelectronics TDA7419_09 Datasheet HTML 26Page - STMicroelectronics TDA7419_09 Datasheet HTML 27Page - STMicroelectronics TDA7419_09 Datasheet HTML 28Page - STMicroelectronics TDA7419_09 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
TDA7419
Description of the audio processor
25/40
4.9
Subwoofer filter
The subwoofer lowpass filter has butterworth characteristics with programmable cut-off
frequency (80/120/160 Hz)
Figure 18.
Subwoofer control
4.10
Spectrum analyzer
A fully integrated seven-band spectrum analyzer with programmable quality factor is
present. The spectrum analyzer consists of seven band pass filters with rectifier and sample
capacitor that stores the maximum peak signal level since the last read cycle. This peak
signal level can be read by a microprocessor at the SAout pin. To allow easy interfacing to
an analog port of the microprocessor, the output voltage at this pin is referred to device
ground.
The microprocessor starts a read cycle with the negative going clock edge at the SAclk
input. On the following positive clock edges, the peak signal level for the band pass filters is
subsequently switched to SAout. Each analog output data is valid after the time tSadel. A
reset of the sample capacitors is induced whenever SAclk remains high for the time tintres.
Note that a proper reset requires the clock signal SAclk to be held at high potential. Figure
20 shows the block diagram and figure 21 illustrates the read cycle timing of the spectrum
analyzer.
Figure 19.
Spectrum analyzer block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com