Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7529 Datasheet(PDF) 55 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button TDA7529_11 Datasheet HTML 51Page - STMicroelectronics TDA7529_11 Datasheet HTML 52Page - STMicroelectronics TDA7529_11 Datasheet HTML 53Page - STMicroelectronics TDA7529_11 Datasheet HTML 54Page - STMicroelectronics TDA7529_11 Datasheet HTML 55Page - STMicroelectronics TDA7529_11 Datasheet HTML 56Page - STMicroelectronics TDA7529_11 Datasheet HTML 57Page - STMicroelectronics TDA7529_11 Datasheet HTML 58Page - STMicroelectronics TDA7529_11 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
TDA7529
Registers description
Doc ID 13311 Rev 4
55/61
6.1.31
Misc 3 (29 / 45)
6.1.32
Analog test select (30 / 46)
Table 57.
Misc 3 (29 / 45)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
---
-
-
-
-
X
PLL N divider MSB
M16
---
-
-
-
X
Not used
0
0
1
0
1
1
0
1
1
0
0
1
0
0
1
0
1
1
--
WAIT 2ms
0.08ms (min. value)
2ms (default value)
5.04ms (default value)
Table 58.
Analog test select (30 / 46)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
---
-
-
-
0
0
1
1
0
1
0
1
Analog test output signal select
IF AGC
FM AGC
AMAGC
DAC voltage of ADC
0
0
1
0
0
1
0
0
1
0
1
1
0
1
1
0
0
1
--
WAIT 0.5ms
0.02ms (min. value)
0.5ms (default value)
5.06ms (max value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com