Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7529 Datasheet(PDF) 47 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button TDA7529_11 Datasheet HTML 43Page - STMicroelectronics TDA7529_11 Datasheet HTML 44Page - STMicroelectronics TDA7529_11 Datasheet HTML 45Page - STMicroelectronics TDA7529_11 Datasheet HTML 46Page - STMicroelectronics TDA7529_11 Datasheet HTML 47Page - STMicroelectronics TDA7529_11 Datasheet HTML 48Page - STMicroelectronics TDA7529_11 Datasheet HTML 49Page - STMicroelectronics TDA7529_11 Datasheet HTML 50Page - STMicroelectronics TDA7529_11 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
TDA7529
Registers description
Doc ID 13311 Rev 4
47/61
6.1.14
PLL test (13)
6.1.15
Misc 2 (14)
Table 40.
PLL test (13)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
---
XX
1
0
-
PLL test
Set to default
-
01
---
--
PFD
default
0
-
-
---
--
PFD polarity
Table 41.
Misc 2 (14)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
---
-
-
-
0
0
1
1
0
1
0
1
VCO magnitude
1V
2V
3V
4V
---
-
0
0
1
1
0
1
0
1
--
Oscillation frequency of RC oscillator
0.68 MHz
1.31 MHz
1.92 MHz
2.49 MHz
---
0
1
--
-
-
IFAMP current control
Normal bias
High current mode bias
--
0
1
---
-
-
Reg48sel
ShAGC and ShPLL on D48<1:0>
MaskMetal and MaskSet on D48<1:0>
-0
1
-
---
-
-
EnSMOOTH
Smooth disabled
Smooth enabled
0
1
-
-
---
-
-
IFAGC control when IN4 selected
Normal
Thresholds shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com