Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7562B Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7562B
Description  4 x 46 W multifunction quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7562B Datasheet HTML 5Page - STMicroelectronics TDA7562B Datasheet HTML 6Page - STMicroelectronics TDA7562B Datasheet HTML 7Page - STMicroelectronics TDA7562B Datasheet HTML 8Page - STMicroelectronics TDA7562B Datasheet HTML 9Page - STMicroelectronics TDA7562B Datasheet HTML 10Page - STMicroelectronics TDA7562B Datasheet HTML 11Page - STMicroelectronics TDA7562B Datasheet HTML 12Page - STMicroelectronics TDA7562B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TDA7562B
Electrical specifications
Doc ID 17984 Rev 2
9/30
CDLK
Clip det high leakage current
CD off
-
0
5
μA
CDSAT
Clip det sat. voltage
CD on; ICD = 1 mA
-
-
300
mV
CDTHD
Clip det THD level
D0 (IB1) = 0
0.5
2
3
%
D0 (IB1) = 1
5
10
15
%
Turn on diagnostics 1 (power amplifier mode)
Pgnd
Short to GND det. (below this
limit, the output is considered in
short circuit to GND)
Power amplifier in standby
--
1.2
V
Pvs
Short to Vs det. (above this limit,
the output is considered in short
circuit to VS)
Vs -1.2
-
-
V
Pnop
Normal operation thresholds.
(Within these limits, the output is
considered without faults).
Power amplifier in standby
1.8
-
Vs -1.8
V
Lsc
Shorted load det.
-
-
-
0.5
Ω
Lop
Open load det.
-
85
-
-
Ω
Lnop
Normal load det.
-
1.5
-
45
Ω
Turn on diagnostics 2 (line driver mode)
Pgnd
Short to GND det. (below this
limit, the output is considered in
short circuit to GND)
Power amplifier in standby
--
1.2
V
Pvs
Short to Vs det. (above this limit,
the output is considered in short
circuit to VS)
Vs -1.2
-
-
V
Pnop
Normal operation thresholds.
(within these limits, the output is
considered without faults).
1.8
-
Vs -1.8
V
Lsc
Shorted load det.
-
-
-
2
Ω
Lop
Open load det.
-
330
-
-
Ω
Lnop
Normal load det.
-
7
-
180
Ω
Permanent diagnostics 2 (power amplifier mode or line driver mode)
Pgnd
Short to GND det. (below this
limit, the output is considered in
short circuit to GND)
Power amplifier in mute or play,
one or more short circuits
protection activated
--
1.2
V
Pvs
Short to Vs det. (above this limit,
the output is considered in short
circuit to VS)
-
Vs -1.2
-
-
V
Pnop
Normal operation thresholds.
(Within these limits, the output is
considered without faults).
-
1.8
-
Vs -1.8
V
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com