Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4999 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS4999 Datasheet HTML 9Page - STMicroelectronics TS4999 Datasheet HTML 10Page - STMicroelectronics TS4999 Datasheet HTML 11Page - STMicroelectronics TS4999 Datasheet HTML 12Page - STMicroelectronics TS4999 Datasheet HTML 13Page - STMicroelectronics TS4999 Datasheet HTML 14Page - STMicroelectronics TS4999 Datasheet HTML 15Page - STMicroelectronics TS4999 Datasheet HTML 16Page - STMicroelectronics TS4999 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
TS4999
Electrical characteristics
13/36
3.1
Electrical characteristic curves
The graphs shown in this section use the following abbreviations.
●
RL+ 15 µH or 30 µH = pure resistor + very low series resistance inductor.
●
Filter = LC output filter (1 µF+ 30 µH for 4
Ω and 0.5 µF+15 µH for 8 Ω).
All measurements are done with CSL= CSR=1 µF and CS = 100 nF (see Figure 2), except
for the PSRR where CSL, CSR is removed (see Figure 3).
Figure 2.
Measurement test diagram
VCC
Cin
Cin
CsL
1/2 TS4999
Cs
100nF
In+
In-
15 H or 30 H
μμ
or
LC Filter
Out+
Out-
1 F
μ
Ω
4 or 8
RL
5th order
50kHz
low-pass filter
Audio Measurement
Bandwith < 30kHz
GND
GND
GND
(CsR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com