Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T66 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M41T66
Description  Serial real-time clock with alarms
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T66 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M41T66_11 Datasheet HTML 17Page - STMicroelectronics M41T66_11 Datasheet HTML 18Page - STMicroelectronics M41T66_11 Datasheet HTML 19Page - STMicroelectronics M41T66_11 Datasheet HTML 20Page - STMicroelectronics M41T66_11 Datasheet HTML 21Page - STMicroelectronics M41T66_11 Datasheet HTML 22Page - STMicroelectronics M41T66_11 Datasheet HTML 23Page - STMicroelectronics M41T66_11 Datasheet HTML 24Page - STMicroelectronics M41T66_11 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
M41T66
Clock operation
Doc ID 15108 Rev 2
21/34
3.7
Output driver pin
When the OFIE bit, AFE bit, and watchdog register are not set to generate an interrupt, the
IRQ/OUT pin becomes an output driver that reflects the contents of D7 of the calibration
register. In other words, when D7 (OUT bit) is a '0,' then the IRQ/OUT pin will be driven low.
Note:
The IRQ/OUT pin is an open drain which requires an external pull-up resistor.
3.8
Oscillator stop detection
If the oscillator fail (OF) bit is internally set to a '1,' this indicates that the oscillator has either
stopped, or was stopped for some period of time and can be used to judge the validity of the
clock and date data. This bit will be set to '1' any time the oscillator stops.
In the event the OF bit is found to be set to '1' at any time other than the initial power-up, the
STOP bit (ST) should be written to a '1,' then immediately reset to '0.' This will restart the
oscillator.
The following conditions can cause the OF bit to be set:
●
The first time power is applied (defaults to a '1' on power-up).
●
The voltage present on VCC or battery is insufficient to support oscillation.
●
The ST bit is set to '1.'
●
External interference of the crystal
If the oscillator fail interrupt enable bit (OFIE) is set to a '1,' the IRQ/OUTpin will also be
activated. The IRQ/OUT output is cleared by resetting the OFIE or OF bit to '0' (NOT by
reading the flag register).
The OF bit will remain set to '1' until written to logic '0.' The oscillator must start and have
run for at least 1 second before attempting to reset the OF bit to '0.' If the trigger event
occurs during a power-down condition, this bit will be set correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com