Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T66 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M41T66
Description  Serial real-time clock with alarms
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T66 Datasheet(HTML) 5 Page - STMicroelectronics

  M41T66_11 Datasheet HTML 1Page - STMicroelectronics M41T66_11 Datasheet HTML 2Page - STMicroelectronics M41T66_11 Datasheet HTML 3Page - STMicroelectronics M41T66_11 Datasheet HTML 4Page - STMicroelectronics M41T66_11 Datasheet HTML 5Page - STMicroelectronics M41T66_11 Datasheet HTML 6Page - STMicroelectronics M41T66_11 Datasheet HTML 7Page - STMicroelectronics M41T66_11 Datasheet HTML 8Page - STMicroelectronics M41T66_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
M41T66
Description
Doc ID 15108 Rev 2
5/34
1
Description
The M41T66 is a low-power serial real-time clock (RTC) with a built-in 32.768 kHz oscillator
(external crystal controlled). Eight registers are used for the clock/calendar function and are
configured in binary coded decimal (BCD) format. An additional 8 registers provide
status/control of alarm, square wave, calibration, and watchdog functions. Addresses and
data are transferred serially via a two line, bidirectional I2C interface. The built-in address
register is incremented automatically after each WRITE or READ data byte.
Functions available to the user include a time-of-day clock/calendar, alarm interrupts,
programmable square wave output, and watchdog output. The eight clock address locations
contain the century, year, month, date, day, hour, minute, second and tenths/hundredths of a
second in 24-hour BCD format. Corrections for 28-, 29- (leap year), 30- and 31-day months
are made automatically.
The M41T66 is supplied in a 16-pin QFN.
Figure 1.
M41T66 logic diagram
1.
Open drain
2.
Defaults to 32 KHz on power-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com