Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T35AV Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48T35AV
Description  3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER® SRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35AV Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48T35AV_11 Datasheet HTML 8Page - STMicroelectronics M48T35AV_11 Datasheet HTML 9Page - STMicroelectronics M48T35AV_11 Datasheet HTML 10Page - STMicroelectronics M48T35AV_11 Datasheet HTML 11Page - STMicroelectronics M48T35AV_11 Datasheet HTML 12Page - STMicroelectronics M48T35AV_11 Datasheet HTML 13Page - STMicroelectronics M48T35AV_11 Datasheet HTML 14Page - STMicroelectronics M48T35AV_11 Datasheet HTML 15Page - STMicroelectronics M48T35AV_11 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Operation modes
M48T35AV
12/29
Doc ID 6845 Rev 9
Also, as VCC rises, the battery voltage is checked. If the voltage is less than approximately
2.5 V, an internal battery not OK (BOK) flag will be set. The BOK flag can be checked after
power up. If the BOK flag is set, the first WRITE attempted will be blocked. The flag is
automatically cleared after the first WRITE, and normal RAM operation resumes. Figure 8
illustrates how a BOK check routine could be structured.
For more information on battery storage life refer to the application note AN1012.
Figure 8.
Checking the BOK flag status
READ DATA
AT ANY ADDRESS
AI00607
IS DATA
COMPLEMENT
OF FIRST
READ?
(BATTERY OK)
POWER-UP
YES
NO
WRITE DATA
COMPLEMENT BACK
TO SAME ADDRESS
READ DATA
AT SAME
ADDRESS AGAIN
NOTIFY SYSTEM
OF LOW BATTERY
(DATA MAY BE
CORRUPTED)
WRITE ORIGINAL
DATA BACK TO
SAME ADDRESS
(BATTERY LOW)
CONTINUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com