Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T35AV Datasheet(PDF) 28 Page - STMicroelectronics

Part # M48T35AV
Description  3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER® SRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35AV Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M48T35AV_11 Datasheet HTML 21Page - STMicroelectronics M48T35AV_11 Datasheet HTML 22Page - STMicroelectronics M48T35AV_11 Datasheet HTML 23Page - STMicroelectronics M48T35AV_11 Datasheet HTML 24Page - STMicroelectronics M48T35AV_11 Datasheet HTML 25Page - STMicroelectronics M48T35AV_11 Datasheet HTML 26Page - STMicroelectronics M48T35AV_11 Datasheet HTML 27Page - STMicroelectronics M48T35AV_11 Datasheet HTML 28Page - STMicroelectronics M48T35AV_11 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Revision history
M48T35AV
28/29
Doc ID 6845 Rev 9
9
Revision history
Table 18.
Document revision history
Date
Revision
Changes
Nov-1999
1
First issue
21-Apr-2000
2
From preliminary data to datasheet
29-May-2000
2.1
tFB change (Table 10)
20-Jul-2001
3
Reformatted; temp./voltage info. added to tables (Table 8, 9, 3, 4, 10,
11); add century bit text
20-May-2002
3.1
Modify reflow time and temperature footnotes (Table 6)
31-Mar-2003
4
v2.2 template applied; data retention condition updated (Table 11)
01-Apr-2004
5
Reformatted; updated with lead-free package information (Table 6, 16)
21-Nov-2007
6
Reformatted document; added lead-free second level interconnect
information to cover page and Section 6: Package mechanical data,
updated Table 16, 17; removed M48T35AY and all references.
23-Mar-2009
7
Updated Table 6, Section 6: Package mechanical data; added
Section 8: Environmental information; minor formatting changes.
21-Oct-2010
8
Updated Section 4, Table 12; reformatted document.
24-Jun-2011
9
Updated footnote 1 of Table 6: Absolute maximum ratings; updated
Features and Section 8: Environmental information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com