Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276E Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 51Page - STMicroelectronics ST10F276E Datasheet HTML 52Page - STMicroelectronics ST10F276E Datasheet HTML 53Page - STMicroelectronics ST10F276E Datasheet HTML 54Page - STMicroelectronics ST10F276E Datasheet HTML 55Page - STMicroelectronics ST10F276E Datasheet HTML 56Page - STMicroelectronics ST10F276E Datasheet HTML 57Page - STMicroelectronics ST10F276E Datasheet HTML 58Page - STMicroelectronics ST10F276E Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 235 page
background image
ST10F276E
Bootstrap loader
Doc ID 12303 Rev 3
55/235
Figure 9.
UART bootstrap loader sequence
1.
BSL initialization time, > 1ms @ fCPU = 40 MHz
2.
Zero byte (1 start bit, eight ‘0’ data bits, 1 stop bit), sent by host
3.
Acknowledge byte, sent by ST10F276E
4.
32 bytes of code / data, sent by host
5.
Caution: TxD0 is only driven a certain time after reception of the zero byte (1.3ms @ fCPU = 40 MHz).
6.
Internal Boot ROM / Test-Flash
5.3.2
Entering bootstrap via UART
The ST10F276E enters BSL mode if pin P0L.4 is sampled low at the end of a hardware
reset. In this case, the built-in bootstrap loader is activated independently of the selected
bus mode. The bootstrap loader code is stored in a special Test-Flash; no part of the
standard mask ROM or Flash memory area is required for this.
After entering BSL mode and the respective initialization, the ST10F276E scans the RxD0
line to receive a zero byte, that is, 1 start bit, eight ‘0’ data bits and 1 stop bit. From the
duration of this zero byte, it calculates the corresponding baud rate factor with respect to the
current CPU clock, initializes the serial interface ASC0 accordingly and switches pin TxD0 to
output. Using this baud rate, an acknowledge byte is returned to the host that provides the
loaded data.
The acknowledge byte is D5h for the ST10F276E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com