Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276E Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 62Page - STMicroelectronics ST10F276E Datasheet HTML 63Page - STMicroelectronics ST10F276E Datasheet HTML 64Page - STMicroelectronics ST10F276E Datasheet HTML 65Page - STMicroelectronics ST10F276E Datasheet HTML 66Page - STMicroelectronics ST10F276E Datasheet HTML 67Page - STMicroelectronics ST10F276E Datasheet HTML 68Page - STMicroelectronics ST10F276E Datasheet HTML 69Page - STMicroelectronics ST10F276E Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 235 page
background image
Bootstrap loader
ST10F276E
66/235
Doc ID 12303 Rev 3
5.5
Comparing the old and the new bootstrap loader
Table 33 and Table 34 summarize the differences between the old ST10 (boot via UART
only) bootstrap and the new one (boot via UART or CAN).
5.5.1
Software aspects
As the CAN1 is needed, XPERCON register is configured by the bootstrap loader code and
bit XPEN of SYSCON is set. However, as long as the EINIT instruction is not executed (and
it is not in the bootstrap loader code), the settings can be modified. To do this, perform the
following steps:
1.
Disable the XPeripherals by clearing XPEN in SYSCON register. Attention: If this part
of the code is located in XRAM, it will be disabled.
2.
Enable the needed XPeripherals by writing the correct value in XPERCON register.
3.
Set XPEN bit in SYSCON.
5.5.2
Hardware aspects
Although the new bootstrap loader is designed to be compatible with the old bootstrap
loader, there are a few hardware requirements for the new bootstrap loader as summarized
in Table 34.
Table 33.
Software topics summary
Former bootstrap loader
New bootstrap loader
Comments
Uses only 32 bytes in Dual-Port
RAM from 00’FA40h
Uses up to 128 bytes in Dual-
Port RAM from 00’FA40h
For compatibility between boot
via UART and boot via CAN1,
please avoid loading the
application software in the
00’FA60h/00’FABFh range.
Loads 32 bytes from UART
Loads 32 bytes from UART
(boot via UART mode)
Same files can be used for boot
via UART.
User selected Xperipherals can
be enabled during boot (Step 3
or Step 4).
Xperipherals selection is fixed.
User can change the
Xperipherals selections through
a specific code.
Table 34.
Hardware topics summary
Former bootstrap loader
New bootstrap loader
Comments
P4.5 can be used as output in
BSL mode.
P4.5 cannot be used as user
output in BSL mode, but only as
CAN1_RxD or input or address
segments.
-
Level on CAN1_RxD can
change during boot Step 2.
Level on CAN1_RxD must be
stable at ‘1’ during boot Step 2.
External pull-up on P4.5
needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com