Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276E Datasheet(PDF) 160 Page - STMicroelectronics

Part # ST10F276E
Description  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E Datasheet(HTML) 160 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 156Page - STMicroelectronics ST10F276E Datasheet HTML 157Page - STMicroelectronics ST10F276E Datasheet HTML 158Page - STMicroelectronics ST10F276E Datasheet HTML 159Page - STMicroelectronics ST10F276E Datasheet HTML 160Page - STMicroelectronics ST10F276E Datasheet HTML 161Page - STMicroelectronics ST10F276E Datasheet HTML 162Page - STMicroelectronics ST10F276E Datasheet HTML 163Page - STMicroelectronics ST10F276E Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 235 page
background image
Register set
ST10F276E
160/235
Doc ID 12303 Rev 3
22.7
X-registers ordered by address
Table 70 lists by order of their physical addresses all X-Bus registers which are implemented
in the ST10F276E. Although also physically mapped on X-Bus memory space, the Flash
control registers are listed in a separate section.
Note:
The X-registers are not bit-addressable.
Table 70.
X-registers ordered by address
Name
Physical
address
Description
Reset value
XSSCCON
E800h
XSSC control register
0000h
XSSCCONSET
E802h
XSSC set control register (write-only)
0000h
XSSCCONCLR
E804h
XSSC clear control register (write-only)
0000h
XSSCTB
E806h
XSSC transmit buffer
0000h
XSSCRB
E808h
XSSC receive buffer
XXXXh
XSSCBR
E80Ah
XSSC baud rate register
0000h
XSSCPORT
E880h
XSSC port control register
0000h
XS1CON
E900h
XASC control register
0000h
XS1CONSET
E902h
XASC set control register (write-only)
0000h
XS1CONCLR
E904h
XASC clear control register (write-only)
0000h
XS1BG
E906h
XASC baud rate generator reload register
0000h
XS1TBUF
E908h
XASC transmit buffer register
0000h
XS1RBUF
E90Ah
XASC receive buffer register
0000h
XS1PORT
E980h
XASC port control register
0000h
I2CCR
EA00h
I2C control register
0000h
I2CSR1
EA02h
I2C status register 1
0000h
I2CSR2
EA04h
I2C status register 2
0000h
I2CCCR1
EA06h
I2C clock control register 1
0000h
I2COAR1
EA08h
I2C own address register 1
0000h
I2COAR2
EA0Ah
I2C own address register 2
0000h
I2CDR
EA0Ch
I2C data register
0000h
I2CCCR2
EA0Eh
I2C clock control register 2
0000h
XCLKOUTDIV
EB02h
CLKOUT divider control register
- - 00h
XIR0SEL
EB10h
X-Interrupt 0 selection register
0000h
XIR0SET
EB12h
X-Interrupt 0 set register (write-only)
0000h
XIR0CLR
EB14h
X-Interrupt 0 clear register (write-only)
0000h
XIR1SEL
EB20h
X-Interrupt 1 selection register
0000h
XIR1SET
EB22h
X-Interrupt 1 set register (write-only)
0000h
XIR1CLR
EB24h
X-Interrupt 1 clear register (write-only)
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com