Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7580 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST7580
Description  FSK, PSK multi-mode power line networking system-on-chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7580 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST7580 Datasheet HTML 21Page - STMicroelectronics ST7580 Datasheet HTML 22Page - STMicroelectronics ST7580 Datasheet HTML 23Page - STMicroelectronics ST7580 Datasheet HTML 24Page - STMicroelectronics ST7580 Datasheet HTML 25Page - STMicroelectronics ST7580 Datasheet HTML 26Page - STMicroelectronics ST7580 Datasheet HTML 27Page - STMicroelectronics ST7580 Datasheet HTML 28Page - STMicroelectronics ST7580 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
ST7580
Physical layer
Doc ID 022644 Rev 1
25/33
9.1.2
PSK physical frame
Figure 12
shows the physical frame for PSK modulations.
Figure 12.
PSK physical frame structure (length in bytes)
The meaning of each field is as follows:
Preamble: a sequence of alternating 1 and 0 symbols (AAh bytes) required by the
receiver PLL to achieve bit synchronization. Its length is programmable from 2 to 5
bytes.
Unique word: a predefined sequence used to mark the start of a physical frame. The
physical layer also provides SNR estimation on the received unique word.
Mode: indicates the PSK mode used for the physical SDU. Thanks to this byte, the
receiver can automatically detect the PSK mode to be used to properly receive the
physical SDU.
Physical SDU (service data unit): payload of the physical layer. Its length is specified in
its first byte, which is always present.
Preamble, unique word, and mode fields are always transmitted using the B-PSK
modulation. The physical layer SDU field can be sent according to any PSK modulation (B-
PSK, Q-PSK, 8-PSK, B-PSK coded, Q-PSK coded, B-PSK coded PNA) expressed in the
mode field.
9.2
FSK modulations
9.2.1
FSK options
The ST7580 supports several FSK (frequency shift keying) modulations with a symbol rate
from 1200 to 9600 baud. Table 10 summarizes all the available FSK modulations and their
bit rate.
The frequency deviation (
Δf) is the difference between the carrier frequency and the FSK
tone.
Table 10.
FSK modes description
Modulation
Symbol rate [baud]
Information bits per symbol
Bit rate [bps]
FSK @1200
1200
1
1200
FSK @2400
2400
1
2400
FSK @4800
4800
1
4800
FSK @9600
9600
1
9600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com