Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS1L40-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS1L40-Y
Description  Automotive low drop power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L40-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STPS1L40-Y Datasheet HTML 1Page - STMicroelectronics STPS1L40-Y Datasheet HTML 2Page - STMicroelectronics STPS1L40-Y Datasheet HTML 3Page - STMicroelectronics STPS1L40-Y Datasheet HTML 4Page - STMicroelectronics STPS1L40-Y Datasheet HTML 5Page - STMicroelectronics STPS1L40-Y Datasheet HTML 6Page - STMicroelectronics STPS1L40-Y Datasheet HTML 7Page - STMicroelectronics STPS1L40-Y Datasheet HTML 8Page - STMicroelectronics STPS1L40-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STPS1L40-Y
Characteristics
Doc ID 18247 Rev 1
3/9
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Average forward current versus
ambient temperature (SMA,
δ = 0.5)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T
δ = tp /T
tp
PF(AV)(W)
IF(AV)(A)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
Rth(j-a) = Rth(j-l)
Rth(j-a) = 120 °C/W
SMA
IF(AV)(A)
Tamb(°C)
150
T
δ = tp /T
tp
Figure 3.
Average forward current versus
ambient temperature (SMB,
δ = 0.5)
Figure 4.
Normalized avalanche power
derating versus pulse duration
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
IF(AV)(A)
T
δ = tp /T
tp
Tamb(°C)
SMB
Rth(j-a) = Rth(j-l)
Rth(j-a) = 100 °C/W
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(tp)
P
(1 µs)
ARM
ARM
Figure 5.
Normalized avalanche power
derating versus junction
temperature
Figure 6.
Non repetitive surge peak forward
current versus overload duration
(maximum values, SMA)
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(Tj)
P
(25 °C)
ARM
ARM
0
1
2
3
4
5
6
7
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
IM
t
δ = 0.5
t(s)
IM(A)
SMA
Ta = 25 °C
Ta = 75 °C
Ta = 125 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com