Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS1L40-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS1L40-Y
Description  Automotive low drop power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L40-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STPS1L40-Y Datasheet HTML 1Page - STMicroelectronics STPS1L40-Y Datasheet HTML 2Page - STMicroelectronics STPS1L40-Y Datasheet HTML 3Page - STMicroelectronics STPS1L40-Y Datasheet HTML 4Page - STMicroelectronics STPS1L40-Y Datasheet HTML 5Page - STMicroelectronics STPS1L40-Y Datasheet HTML 6Page - STMicroelectronics STPS1L40-Y Datasheet HTML 7Page - STMicroelectronics STPS1L40-Y Datasheet HTML 8Page - STMicroelectronics STPS1L40-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPS1L40-Y
4/9
Doc ID 18247 Rev 1
Figure 7.
Non repetitive surge peak forward
current versus overload duration
(maximum values, SMB)
Figure 8.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SMA)
0
1
2
3
4
5
6
7
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
IM(A)
IM
t
δ = 0.5
Ta = 25 °C
Ta = 75 °C
Ta = 125 °C
SMB
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
SMA
Zth(j-a)/Rth(j-a)
tp(s)
Epoxy printed circuit board,
copper thickness = 35 µm,
recommended pad layout
Figure 9.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SMB)
Figure 10.
Reverse leakage current versus
reverse voltage applied
(typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Zth(j-a)/Rth(j-a)
Single pulse
SMB
tp(s)
Epoxy printed circuit board,
copper thickness = 35 µm,
recommended pad layout
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
35
40
VR(V)
IR(mA)
Tj = 25 °C
Tj = 50 °C
Tj = 75 °C
Tj = 125 °C
Tj = 150 °C
Tj = 100 °C
Figure 11.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 12.
Forward voltage drop versus
forward current
(typical values, high level)
10
100
1000
1
10
100
VR(V)
C(pF)
F = 1 MHz
Vosc = 30 mVRMS
Tj = 25 °C
0.01
0.10
1.00
10.00
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Tj = 125 °C
Tj = 25 °C
VFM(V)
IFM(A)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com