Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20L120CT Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS20L120CT
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L120CT Datasheet(HTML) 2 Page - STMicroelectronics

  STPS20L120CT Datasheet HTML 1Page - STMicroelectronics STPS20L120CT Datasheet HTML 2Page - STMicroelectronics STPS20L120CT Datasheet HTML 3Page - STMicroelectronics STPS20L120CT Datasheet HTML 4Page - STMicroelectronics STPS20L120CT Datasheet HTML 5Page - STMicroelectronics STPS20L120CT Datasheet HTML 6Page - STMicroelectronics STPS20L120CT Datasheet HTML 7Page - STMicroelectronics STPS20L120CT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPS20L120C
2/8
Doc ID 15670 Rev 1
1
Characteristics
When the diodes 1 and 2 are used simultaneously :
Tj(diode 1) = P(diode 1) x Rth(j-c)(per diode) + P(diode 2) x Rth(c)
To evaluate the maximum conduction losses use the following equation :
P = 0.595 x IF(AV) + 0.0095 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
120
V
IF(RMS) Forward rms current
20
A
IF(AV)
Average forward current,
δ = 0.5
Total package
20
A
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
200
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
8000
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
150
°C
Table 3.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB
Per diode
Total
2
1.1
°C/W
TO-220FPAB
Per diode
Total
4.9
4.1
Rth(c)
Coupling
TO-220AB
Total
0.2
TO-220FPAB
3.2
Table 4.
Static electrical characteristics (per diode)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test : tp = 5 ms,
δ < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
-
120
µA
Tj = 125 °C
-
8
25
mA
VF
(2)
2.
Pulse test : tp = 380 µs,
δ < 2%
Forward voltage drop
Tj = 25 °C
IF = 5 A
-
-
0.74
V
Tj = 125 °C
-
0.55
0.605
Tj = 25 °C
IF = 10 A
-
-
0.86
Tj = 125 °C
-
0.63
0.69
Tj = 25 °C
IF = 20 A
--
1
Tj = 125 °C
-
0.72
0.785
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com