Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20L120CT Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS20L120CT
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L120CT Datasheet(HTML) 4 Page - STMicroelectronics

  STPS20L120CT Datasheet HTML 1Page - STMicroelectronics STPS20L120CT Datasheet HTML 2Page - STMicroelectronics STPS20L120CT Datasheet HTML 3Page - STMicroelectronics STPS20L120CT Datasheet HTML 4Page - STMicroelectronics STPS20L120CT Datasheet HTML 5Page - STMicroelectronics STPS20L120CT Datasheet HTML 6Page - STMicroelectronics STPS20L120CT Datasheet HTML 7Page - STMicroelectronics STPS20L120CT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STPS20L120C
4/8
Doc ID 15670 Rev 1
Figure 11.
Forward voltage drop vs. forward current (per diode)
Figure 7.
Relative variation of thermal
impedance junction to case vs.
pulse duration (TO-220AB)
Figure 8.
Relative variation of thermal
impedance junction to case vs.
pulse duration (TO-220FPAB)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
Z/R
th(j-c)
th(j-c)
t (s)
p
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
Z/R
th(j-c)
th(j-c)
t (s)
p
Figure 9.
Reverse leakage current vs. reverse
voltage applied (typical values, per
diode)
Figure 10.
Junction capacitance vs. reverse
voltage applied (typical values, per
diode)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
102030405060
708090
100
110
120
T
j=150°C
T
j=125°C
T
j=25°C
T
j=100°C
T
j=75°C
T
j=50°C
I (mA)
R
V (V)
R
10
100
1000
1
10
100
1000
F=1MHz
VOSC=30mVRMS
Tj=25°C
V (V)
R
C(pF)
0
20
40
60
80
100
120
140
160
180
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
T
j=25°C
(Maximum values)
T
j=125°C
(Maximum values)
T
j=125°C
(Maximum values)
T
j=125°C
(Typical values)
T
j=125°C
(Typical values)
I
(A)
FM
V
(V)
FM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com