Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3928S2 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3928S2
Description  280W GaN WIDEBAND PULSED POWER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3928S2 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3928S2 Datasheet HTML 1Page - RF Micro Devices RF3928S2 Datasheet HTML 2Page - RF Micro Devices RF3928S2 Datasheet HTML 3Page - RF Micro Devices RF3928S2 Datasheet HTML 4Page - RF Micro Devices RF3928S2 Datasheet HTML 5Page - RF Micro Devices RF3928S2 Datasheet HTML 6Page - RF Micro Devices RF3928S2 Datasheet HTML 7Page - RF Micro Devices RF3928S2 Datasheet HTML 8Page - RF Micro Devices RF3928S2 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RF3928
DS120508
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Drain Source Voltage
150
V
Gate Source Voltage
-8 to +2
V
Gate Current (IG)155
mA
Operational Voltage
50
V
Ruggedness (VSWR)
3:1
Storage Temperature Range
-55 to +125
°C
Operating Temperature Range
(TL)
-40 to +85
°C
Operating Junction Temperature
(TJ)
250
°C
Human Body Model
Class 1A
MTTF (TJ < 200°C)
MTTF (TJ < 250°C)
3.0E + 06
1.4E + 05
Hours
Thermal Resistance, Rth
(junction to case)
TC = 85°C, DC bias only
0.90
°C/W
TC = 85°C, 100s pulse, 10% duty
cycle
0.18
TC = 85°C, 500s pulse, 10% duty
cycle
0.25
* MTTF – median time to failure for wear-out failure mode (30% Idss degradation) which is determined by the technology process reliability.
Refer to product qualification report for FIT (random) failure rate.
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation, the device voltage
and current must not exceed the maximum operating values specified in the table on page two.
Bias Conditions should also satisfy the following expression: PDISS < (TJ – TC)/RTH J - C and TC = TCASE
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Recommended Operating
Condition
Drain Voltage (VDSQ)50
V
Gate Voltage (VGSQ)
-8-3
-2
V
Drain Bias Current
440
mA
Frequency of Operation
2800
3400
MHz
DC Functional Test
IG (OFF) – Gate Leakage
2
mA
VG = -8V, VD = 0V
ID (OFF) – Drain Leakage
2
mA
VG = -8V, VD = 50V
VGS (TH) (th) – Threshold Voltage
-3.4
V
VD = 50V, ID = 20mA
VDS – Drain Voltage at high current
0.22
V
VG = 0V, ID = 1.5A
RF Functional Test
[1,2]
Small Signal Gain
13.6
dB
F = 2800MHz, Pin =30dBm
Power Gain
10
10.5
dB
F = 2800MHz, Pin = 44dBm
Input Return Loss
-5.5
dB
F = 2800MHz, Pin = 30dBm
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com