Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3928S2 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3928S2
Description  280W GaN WIDEBAND PULSED POWER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3928S2 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3928S2 Datasheet HTML 1Page - RF Micro Devices RF3928S2 Datasheet HTML 2Page - RF Micro Devices RF3928S2 Datasheet HTML 3Page - RF Micro Devices RF3928S2 Datasheet HTML 4Page - RF Micro Devices RF3928S2 Datasheet HTML 5Page - RF Micro Devices RF3928S2 Datasheet HTML 6Page - RF Micro Devices RF3928S2 Datasheet HTML 7Page - RF Micro Devices RF3928S2 Datasheet HTML 8Page - RF Micro Devices RF3928S2 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
RF IN
VG
Pin 1 (CUT)
RF OUT
VD
Pin 2
GND
BASE
RF3928
280W GaN WIDEBAND PULSED POWER
AMPLIFIER
The RF3928 is a 50V 280W high power discrete amplifier designed for S-Band
pulsed radar, Air Traffic Control and Surveillance and general purpose broadband
amplifier applications. Using an advanced high power density Gallium Nitride (GaN)
semiconductor process, these high-performance amplifiers achieve high output
power, high efficiency and flat gain over a broad frequency range in a single pack-
age. The RF3928 is a matched GaN transistor packaged in a hermetic, flanged
ceramic package. This package provides excellent thermal stability through the use
of advanced heat sink and power dissipation technologies. Ease of integration is
accomplished through the incorporation of simple, optimized matching networks
external to the package that provide wide band gain and power performance in a
single amplifier.
Features
Wideband Operation 2.8GHz to
3.4GHz
Advanced GaN HEMT Technology
Advanced Heat-Sink Technology
Supports Multiple Pulse
Conditions
10% to 20% Duty Cycle
100
s to 500s Pulse Width
Integrated Matching
Components for High Terminal
Impedances
50V Operation Typical
Performance
Pulsed Output Power 280W
Small Signal Gain 12dB
Drain Efficiency 52%
-40°C to 85°C Operating
Temperature
Applications
Radar
Air Traffic Control and
Surveillance
General Purpose Broadband
Amplifiers
DS120508
Package: Hermetic 2-Pin, Flanged Ceramic
RF3928280W
GaN WIDE-
BAND PULSED
POWER AMPLI-
FIER
RF3928S2
2-Piece sample bag
RF3928SB
5-Piece bag
RF3928SQ
25-Piece bag
RF3928SR
50 Pieces on 7” short reel
RF3928TR13
250 Pieces on 13” reel
RF3928PCBA-410
Fully assembled evaluation board 2.8GHz to 3.4GHz; 50V
operation


Similar Part No. - RF3928S2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
380W GaN WIDEBAND PULSED
RF3928B99PCBA-410 RFMD-RF3928B99PCBA-410 Datasheet
773Kb / 11P
380W GaN WIDEBAND PULSED
RF3928BS2 RFMD-RF3928BS2 Datasheet
773Kb / 11P
380W GaN WIDEBAND PULSED
RF3928BSB RFMD-RF3928BSB Datasheet
773Kb / 11P
380W GaN WIDEBAND PULSED
RF3928BSQ RFMD-RF3928BSQ Datasheet
773Kb / 11P
380W GaN WIDEBAND PULSED
More results

Similar Description - RF3928S2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
380W GaN WIDEBAND PULSED
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
280W GaN Wideband Pulsed Power Amplifier
logo
M/A-COM Technology Solu...
MAGX-003135-030L00 MA-COM-MAGX-003135-030L00 Datasheet
908Kb / 8P
GaN HEMT Pulsed Power Transistor
MAGX-000035-01500P MA-COM-MAGX-000035-01500P Datasheet
1Mb / 10P
GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-002731-030L00 MA-COM-MAGX-002731-030L00_15 Datasheet
310Kb / 7P
GaN HEMT Pulsed Power Transistor
MAGX-000035-01500P MA-COM-MAGX-000035-01500P_15 Datasheet
1Mb / 10P
GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-05000P MA-COM-MAGX-000035-05000P_15 Datasheet
1Mb / 9P
GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-09000P MA-COM-MAGX-000035-09000P_15 Datasheet
1Mb / 11P
GaN Wideband 90 W Pulsed Transistor in Plastic Package
logo
RF Micro Devices
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
225W GaN Wideband Pulsed Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com