Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29CD032J Datasheet(PDF) 53 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 53 Page - SPANSION

Back Button S29CD032J Datasheet HTML 49Page - SPANSION S29CD032J Datasheet HTML 50Page - SPANSION S29CD032J Datasheet HTML 51Page - SPANSION S29CD032J Datasheet HTML 52Page - SPANSION S29CD032J Datasheet HTML 53Page - SPANSION S29CD032J Datasheet HTML 54Page - SPANSION S29CD032J Datasheet HTML 55Page - SPANSION S29CD032J Datasheet HTML 56Page - SPANSION S29CD032J Datasheet HTML 57Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
October 11, 2012 S29CD-J_CL-J_00_B7
S29CD-J and S29CL-J Flash Family
53
Data
She e t
13. Electrical Specifications
13.1
Absolute Maximum Ratings
Notes
1. Minimum DC voltage on input or I/O pins is –0.5 V. During voltage transitions, input at I/O pins may overshoot VSS to –2.0V for periods of
up to 20 ns. See Figure 13.2. Maximum DC voltage on output and I/O pins is 3.6V. During voltage transitions output pins may overshoot
to VCC + 2.0V for periods up to 20 ns. See Figure 13.2.
2. Minimum DC input voltage on pins ACC, A9, and RESET# is -0.5V. During voltage transitions, A9 and RESET# may overshoot
VSS to –2.0V for periods of up to 20 ns. See Figure 13.1. Maximum DC input voltage on pin A9 is +13.0V which may overshoot to 14.0V
for periods up to 20 ns.
3. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second.
4. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those indicated in the operational sections of this data sheet is not
implied. Exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability.
Figure 13.1 Maximum Negative Overshoot Waveform
Figure 13.2 Maximum Positive Overshoot Waveform
Table 13.1 Absolute Maximum Ratings
Parameter
Rating
Storage Temperature, Plastic Packages
–65 °C to +150 °C
Ambient Temperature with Power Applied
–65 °C to +145 °C
VCC, VIO (Note 1) for 2.6 V devices (S29CD-J)
–0.5V to +3.6V
VCC, VIO (Note 1) for 3.3 V devices (S29CL-J)
–0.5V to +3.6V
ACC, A9, and RESET# (Note 2)
–0.5V to +13.0V
Address, Data, Control Signals (Note 1)
(with the exception of CLK)
–0.5V to +3.6V (CL016J)
–0.5V to +2.75V (CD016J)
All other pins
(Note 1)
–0.5V to +3.6V (CL032J)
–0.5V to +2.75V (CD032J)
Output Short Circuit Current (Note 3)
200 mA
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2 V
20 ns
20 ns
VCC +2.0 V
VCC+0.5 V
20 ns
2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com