Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL-WB-00D3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # CPL-WB-00D3
Description  Wide band directional coupler with ISO port
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CPL-WB-00D3 Datasheet(HTML) 1 Page - STMicroelectronics

  CPL-WB-00D3 Datasheet HTML 1Page - STMicroelectronics CPL-WB-00D3 Datasheet HTML 2Page - STMicroelectronics CPL-WB-00D3 Datasheet HTML 3Page - STMicroelectronics CPL-WB-00D3 Datasheet HTML 4Page - STMicroelectronics CPL-WB-00D3 Datasheet HTML 5Page - STMicroelectronics CPL-WB-00D3 Datasheet HTML 6Page - STMicroelectronics CPL-WB-00D3 Datasheet HTML 7Page - STMicroelectronics CPL-WB-00D3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
April 2011
Doc ID 018753 Rev 1
1/8
8
CPL-WB-00D3
Wide band directional coupler with ISO port
Features
■ 50
Ω nominal input / output impedance
■ Wide operating frequency range
(824 MHz to 2170 MHz)
■ Low Insertion Loss (< 0.2 dB)
■ 34 dB typical coupling factor
■ High directivity (typical 25 dB)
■ High ESD robustness
(IEC 61000-4-2 Level 4)
■ Flip-Chip package
■ Small footprint: 1300 x 1000 µm
Benefits
■ Very low profile (< 690 µm)
■ Lead-free package
■ High RF performance
■ RF module size reduction
Applications
■ Quad band power amplifier module
■ Quad band front end module
■ GSM / WCDMA mobile phone
Figure 1.
Pin configuration (top view)
Description
The CPL-WB-00D3 is a wide band directional
coupler designed to measure RF antenna output
power in GSM / WCDMA / TD-SCDMA
applications. This CPL has been customized for
wide band operating frequencies (EGSM and
CELL, PCS, DCS, TD-SCDMA, WCDMA Band I)
with less than 0.2 dB insertion losses in the
transmit bandwidth (824 MHz to 2170 MHz).
The CPL-WB-00D3 has been designed using
STMicroelectronics IPD (integrated passive
device) technology on non conductive glass
substrate to optimize RF performance. The device
is delivered 100% tested in tape and reel.
B
1
2
3
A
CPLD
RFIN
GND
GND
ISO
RFOUT
ATN.
ATN.
www.st.com


Similar Part No. - CPL-WB-00D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CPL-WB-00C2 STMICROELECTRONICS-CPL-WB-00C2 Datasheet
450Kb / 8P
Wide band directional coupler with ISO port
06-Jan-2010
More results

Similar Description - CPL-WB-00D3

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
TDC-10A BOWEI-TDC-10A Datasheet
102Kb / 1P
Broad band Directional Coupler
logo
STMicroelectronics
CPL-WB-01C2 STMICROELECTRONICS-CPL-WB-01C2 Datasheet
453Kb / 8P
Wide band directional coupler with ISO port
06-Jan-2010
CPL-WB-01D3 STMICROELECTRONICS-CPL-WB-01D3 Datasheet
182Kb / 10P
Wide-band directional coupler with ISO port
14-Feb-2012
CPL-WB-02D3 STMICROELECTRONICS-CPL-WB-02D3 Datasheet
101Kb / 7P
Wide-band, directional coupler with integrated 50 ohm loaded isolated port
18-Jun-2012
DCPL-WB-00C2 STMICROELECTRONICS-DCPL-WB-00C2 Datasheet
145Kb / 11P
Wide-band, dual-path directional coupler with ISO port
07-Oct-2010
DCPL-WB-00D3 STMICROELECTRONICS-DCPL-WB-00D3 Datasheet
144Kb / 11P
Wide-band, dual-path directional coupler with ISO port
14-Apr-2010
DCPL-WB-02D3 STMICROELECTRONICS-DCPL-WB-02D3 Datasheet
98Kb / 8P
Wide-band, dual-path directional coupler with integrated 50 ohm loaded isolated port
18-Jun-2012
logo
API Technologies Corp
C754-6 APITECH-C754-6 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND
logo
STMicroelectronics
CPL-WBF-00D3 STMICROELECTRONICS-CPL-WBF-00D3 Datasheet
372Kb / 9P
Wide band directional coupler with ISO port
09-Aug-2013
CPI-WB-00C2 STMICROELECTRONICS-CPI-WB-00C2 Datasheet
450Kb / 8P
Wide band directional coupler with ISO port
06-Jan-2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com