Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL-WB-00D3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # CPL-WB-00D3
Description  Wide band directional coupler with ISO port
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CPL-WB-00D3 Datasheet(HTML) 3 Page - STMicroelectronics

  CPL-WB-00D3 Datasheet HTML 1Page - STMicroelectronics CPL-WB-00D3 Datasheet HTML 2Page - STMicroelectronics CPL-WB-00D3 Datasheet HTML 3Page - STMicroelectronics CPL-WB-00D3 Datasheet HTML 4Page - STMicroelectronics CPL-WB-00D3 Datasheet HTML 5Page - STMicroelectronics CPL-WB-00D3 Datasheet HTML 6Page - STMicroelectronics CPL-WB-00D3 Datasheet HTML 7Page - STMicroelectronics CPL-WB-00D3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CPL-WB-00D3
Characteristics
Doc ID 018753 Rev 1
3/8
1.1
RF measurement (on reference evaluation board)
Measurements done on reference evaluation board under 50
Ω, de-embedding at
CPL-WB-00D3 bumps.
Figure 2.
Insertion loss
Figure 3.
Coupling and isolation
Figure 4.
Directivity
2170
2035
1901
1766
1632
1497
1362
1228
1093
959
824
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
-0.0
F (MHz)
dB
-40
-26
dB
-28
-30
-32
-34
-36
-38
7.0E8
2.1E9
1.9E9
1.7E9
1.5E9
1.3E9
1.1E9
9.0E8
2.5E9
2.3E9
F (Hz)
18
32
30
28
26
24
22
20
34
8.0E8
2.0E9
1.8E9
1.6E9
1.4E9
1.2E9
1.0E9
2.2E9
F (Hz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com