Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCPL-WB-00C2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # DCPL-WB-00C2
Description  Wide-band, dual-path directional coupler with ISO port
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCPL-WB-00C2 Datasheet(HTML) 3 Page - STMicroelectronics

  DCPL-WB-00C2 Datasheet HTML 1Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 2Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 3Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 4Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 5Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 6Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 7Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 8Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DCPL-WB-00C2
Characteristics
Doc ID 17994 Rev 1
3/11
Table 4.
Electrical characteristics - LB path RF performance (Tamb = 25 °C)
Symbol
Parameter
Test condition
Value
Unit
Min.
Typ.
Max.
TOP
Operating temperature
-30
-
+85
°C
f
Frequency range
(bandwidth)
824
-
960
MHz
ILLB
LB path insertion loss
From 824 MHz
to 960 MHz
-0.1
0.2
dB
RLLB
LB path return loss
From 824 MHz
to 960 MHz
15
-
-
dB
CPLDLB LB coupling factor
From 824 MHz
to 915 MHz
32
-
37
dB
RippleLB Coupling ripple in LB
(824 to 849 MHz)
(880 to 915 MHz)
--
0.5
dB
DIRLB
LB coupler directivity
From 824 MHz
to 915 MHz
22
-
-
dB
Table 5.
Electrical characteristics - HB path RF performance (Tamb = 25 °C)
Symbol
Parameter
Test condition
Value
Unit
Min.
Typ.
Max.
TOP
Operating temperature
-30
-
+85
°C
f
Frequency range
(bandwidth)
1710
-
1980
MHz
ILHB
HB path insertion loss
From 1710 MHz
to 2170 MHz
-0.1
0.2
dB
RLHB
HB path return loss
From 1710 MHz
to 2170 MHz
15
-
-
dB
CPLDHB HB coupling factor
From 1710 MHz
to 1980 MHz
29
-
34
dB
RippleHB Coupling ripple in HB
(1710 to 1785 MHz)
(1850 to 1910 MHz)
(1920 to 1980 MHz)
--
0.5
dB
DIRHB
HB coupler directivity
From 1710 MHz
to 1980 MHz
22
-
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com