Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCPL-WB-00C2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # DCPL-WB-00C2
Description  Wide-band, dual-path directional coupler with ISO port
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCPL-WB-00C2 Datasheet(HTML) 5 Page - STMicroelectronics

  DCPL-WB-00C2 Datasheet HTML 1Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 2Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 3Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 4Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 5Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 6Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 7Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 8Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DCPL-WB-00C2
Characteristics
Doc ID 17994 Rev 1
5/11
Figure 5.
High band path coupling factor
Figure 6.
Low band path directivity
Figure 7.
High band path directivity
-38
-
-
37
36
-35
-34
-33
-32
-31
-30
-29
-28
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200
CPLD - HB (dB)
F (MHz)
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
800
820
840
860
880
900
920
940
960
980
1000
DIR - LB (dB)
F (MHz)
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200
DIR - LB (dB)
F (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com