Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF02-SPK01M6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF02-SPK01M6
Description  2-line IPAD?? EMI filter and ESD protection for speaker
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-SPK01M6 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF02-SPK01M6 Datasheet HTML 1Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 2Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 3Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 4Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 5Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 6Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 7Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 8Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
September 2009
Doc ID 15845 Rev 2
1/11
11
EMIF02-SPK01M6
2-line IPAD™, EMI filter and ESD protection for speaker
Features
■ EMI symmetrical (I/O) low-pass filter
■ High efficiency in EMI filtering
■ Very low PCB space consumption:
1.0 mm x 1.45 mm
■ Pitch 0.5 mm
■ Very thin package: 0.6 mm max
■ High efficiency in ESD suppression
■ High reliability offered by monolithic integration
■ High reduction of parasitic elements through
integration and wafer level packaging
■ Lead-free package
Complies with following standards
■ IEC 61000-4-2 level 4, input pins
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ IEC 61000-4-2 level 1, output pins
– 2 kV (air discharge)
– 2 kV (contact discharge)
■ MILSTD883 Class 3B
Application
■ Mobile telephones
Description
The EMIF02-SPK01M6 is a 2-line, highly
integrated device designed to suppress EMI/RFI
noise in all systems exposed to electromagnetic
interference.
This filter includes ESD protection circuitry, which
prevents damage to the application when
subjected to ESD surges up to 15 kV.
Figure 1.
Pin configuration (top view)
Figure 2.
Basic cell configuration
TM: IPAD is a trademark of STMicroelectronics
Micro QFN 6 leads
1.45 mm x 1.00 mm
(bottom view)
Pin 1
6
2
5
4
SPKR in
SPKR out
SPKL in
SPKL out
GND
GND
1
3
Input
Output
Low-pass filter
GND
GND
GND
www.st.com


Similar Part No. - EMIF02-SPK01M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-SPK01C2 STMICROELECTRONICS-EMIF02-SPK01C2 Datasheet
311Kb / 7P
2 line EMI filter and ESD protection
26-Jan-2006
EMIF02-SPK01F1 STMICROELECTRONICS-EMIF02-SPK01F1 Datasheet
271Kb / 7P
2 LINE EMI FILTER AND ESD PROTECTION
14-Oct-2004
EMIF02-SPK01F2 STMICROELECTRONICS-EMIF02-SPK01F2 Datasheet
271Kb / 7P
2 LINE EMI FILTER AND ESD PROTECTION
14-Oct-2004
EMIF02-SPK01F2 STMICROELECTRONICS-EMIF02-SPK01F2_11 Datasheet
293Kb / 7P
2-line IPAD?? EMI filter and ESD protection
08-Sep-2011
More results

Similar Description - EMIF02-SPK01M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-USB01F2 STMICROELECTRONICS-EMIF02-USB01F2 Datasheet
116Kb / 8P
2-line IPAD?? EMI filter including ESD protection
29-Apr-2008
EMIF02-MIC01F2 STMICROELECTRONICS-EMIF02-MIC01F2 Datasheet
381Kb / 7P
2-line IPAD, EMI filter including ESD protection
17-Apr-2008
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
2-line IPAD, EMI filter and ESD protection
17-Apr-2008
EMIF02-MIC03M6 STMICROELECTRONICS-EMIF02-MIC03M6 Datasheet
323Kb / 10P
2-line IPAD, EMI filter and ESD protection for microphone
13-Feb-2008
EMIF02-USB02F2 STMICROELECTRONICS-EMIF02-USB02F2 Datasheet
105Kb / 7P
2-line IPAD, EMI filter with ESD protection
28-Apr-2008
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_11 Datasheet
114Kb / 8P
2-line IPAD?? EMI filter and ESD protection
26-May-2011
EMIF02-MIC03M6 STMICROELECTRONICS-EMIF02-MIC03M6_11 Datasheet
330Kb / 11P
2-line IPAD?? EMI filter and ESD protection for microphone
27-May-2011
EMIF02-MIC06F3 STMICROELECTRONICS-EMIF02-MIC06F3 Datasheet
211Kb / 8P
2-line IPAD??EMI filter and ESD protection
23-Sep-2011
EMIF02-SPK01F2 STMICROELECTRONICS-EMIF02-SPK01F2_11 Datasheet
293Kb / 7P
2-line IPAD?? EMI filter and ESD protection
08-Sep-2011
EMIF02-SPK02F2 STMICROELECTRONICS-EMIF02-SPK02F2_12 Datasheet
227Kb / 12P
2-line IPAD?? EMI filter and ESD protection
03-Apr-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com