Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF02-SPK01M6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # EMIF02-SPK01M6
Description  2-line IPAD?? EMI filter and ESD protection for speaker
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-SPK01M6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button EMIF02-SPK01M6 Datasheet HTML 3Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 4Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 5Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 6Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 7Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 8Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 9Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 10Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
EMIF02-SPK01M6
10/11
Doc ID 15845 Rev 2
5
Ordering information
6
Revision history
Table 4.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
EMIF02-SPK01M6
K(1)
1.
The marking can be rotated by 90° to diferentiate assembly location
Micro QFN
2.2 mg
3000
Tape and reel (7”)
Table 5.
Document revision history
Date
Revision
Changes
11-Sep-2009
1
Initial release
21-Sep-2009
2
Updated Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com