Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF03-SIM02F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EMIF03-SIM02F3
Description  3-line IPAD?? EMI filter including ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM02F3 Datasheet(HTML) 6 Page - STMicroelectronics

  EMIF03-SIM02F3_10 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 8Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ordering information scheme
EMIF03-SIM02F3
6/9
Doc ID 11554 Rev 5
3
Ordering information scheme
Figure 14.
Ordering information scheme
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 15.
Package dimensions
EMIF
yy
-
xxx zz
Fx
EMI Filter
Number of lines
Information
Package
x = resistance value (ohm)
z = capacitance value / 10 (pF)
or
3 letters = application
2 digits = version
F = Flip Chip
x = 3: lead-free, pitch = 400 µm, bump = 255 µm
1.14 mm ± 30 µm
255 µm ± 40
400 µm ± 40
170 µm ± 10
605 µm ± 55



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com