Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF03-SIM02F3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # EMIF03-SIM02F3
Description  3-line IPAD?? EMI filter including ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM02F3 Datasheet(HTML) 7 Page - STMicroelectronics

  EMIF03-SIM02F3_10 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 8Page - STMicroelectronics EMIF03-SIM02F3_10 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
EMIF03-SIM02F3
Ordering information
Doc ID 11554 Rev 5
7/9
Figure 18.
Flip Chip tape and reel specification
5
Ordering information
Table 3.
Ordering information
Note:
More information is available in the application notes:
AN2348: “STMicroelectronics 400 micro-metre Flip Chip: package description and
recommendation for use”
AN1751: "EMI filters: recommendations and measurements"
Figure 16.
Footprint
Figure 17.
Marking
220 µm recommended
220 µm recommended
260 µm maximum
Solder stencil opening :
Copper pad Diameter:
Solder mask opening:
300 µm minimum
x
y
x
w
z
w
Dot, ST logo
ECOPACK status
xx = marking
yww = datecode
(y = year
ww = week)
z = manufacturing location
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4.0 ± 0.1
4.0 ± 0.1
2.0 ± 0.05
Ø 1.55 ± 0.1
0.69 ± 0.05
1.24
0.20 ± 0.02
Order code
Marking
Package
Weight
Base qty
Delivery mode
EMIF03-SIM02F3
HA
Flip Chip
1.74 mg
5000
Tape and reel 7”



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com