Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF08-LCD04M16 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF08-LCD04M16
Description  8-line L-C IPAD?? EMI filter and ESD protection in Micro QFN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF08-LCD04M16 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF08-LCD04M16 Datasheet HTML 1Page - STMicroelectronics EMIF08-LCD04M16 Datasheet HTML 2Page - STMicroelectronics EMIF08-LCD04M16 Datasheet HTML 3Page - STMicroelectronics EMIF08-LCD04M16 Datasheet HTML 4Page - STMicroelectronics EMIF08-LCD04M16 Datasheet HTML 5Page - STMicroelectronics EMIF08-LCD04M16 Datasheet HTML 6Page - STMicroelectronics EMIF08-LCD04M16 Datasheet HTML 7Page - STMicroelectronics EMIF08-LCD04M16 Datasheet HTML 8Page - STMicroelectronics EMIF08-LCD04M16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
November 2009
Doc ID 15673 Rev 2
1/10
10
EMIF08-LCD04M16
8-line L-C IPAD™, EMI filter and ESD protection in Micro QFN
Features
■ High cut off frequency low-pass filter:
FC = 400 MHz at -6 dB
■ High efficiency in EMI filtering:
better than -35 dB from 900 MHz to 2 GHz
■ Very low PCB space consuming with plastic
micro-package 3.3 x 1.35 mm
■ Very thin package: 0.55 mm
■ High efficiency in ESD (IEC 61000-4-2 level 4)
■ High reliability offered by monolithic integration
■ High reducing of parasitic elements through
integration
■ ECOPACK®2 compliant component
Complies with the following standards
■ IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
Applications
Where EMI filtering in ESD sensitive equipment is
required:
■ LCDandcameraformobilephones
■ Computers and printers
■ Communication systems
■ MCU boards
Figure 1.
Device configuration
Description
The EMIF08-LCD04M16 is a 8-line inductor-
capacitor (LC) EMI filter designed to suppress
EMI/RFI noise in all systems subjected to
electromagnetic interferences requiring a large
bandwidth.
This filter includes an ESD protection circuitry,
which prevents damage to the application when
subjected to ESD surges up 15 kV contact
discharge.
TM: IPAD is a trademark of STMicroelectronics.
Micro QFN
3.3 x 1.35 16L
Input
GND
GND
GND
Output
Low-pass Filter
0 0 0 0
www.st.com


Similar Part No. - EMIF08-LCD04M16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF08-0402T16 STMICROELECTRONICS-EMIF08-0402T16 Datasheet
294Kb / 12P
High efficiency in EMI filtering
31-Oct-2012
EMIF08-1005M16 STMICROELECTRONICS-EMIF08-1005M16 Datasheet
276Kb / 10P
8-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
04-Feb-2008
EMIF08-1005T16 STMICROELECTRONICS-EMIF08-1005T16 Datasheet
280Kb / 12P
low capacitance EMI filter and ESD protection in thin micro QFN
31-Oct-2012
EMIF08-1502M16 STMICROELECTRONICS-EMIF08-1502M16 Datasheet
196Kb / 10P
8-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
04-Feb-2008
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ Datasheet
32Kb / 4P
EMI FILTER INCLUDING ESD PROTECTION
05-Nov-2002
More results

Similar Description - EMIF08-LCD04M16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF08-1005M16 STMICROELECTRONICS-EMIF08-1005M16 Datasheet
276Kb / 10P
8-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
04-Feb-2008
EMIF06-1502M12 STMICROELECTRONICS-EMIF06-1502M12_08 Datasheet
195Kb / 10P
6-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
04-Feb-2008
EMIF08-1502M16 STMICROELECTRONICS-EMIF08-1502M16 Datasheet
196Kb / 10P
8-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
04-Feb-2008
EMIF06-1005M12 STMICROELECTRONICS-EMIF06-1005M12 Datasheet
180Kb / 10P
6-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
04-Feb-2008
EMIF04-1502M8 STMICROELECTRONICS-EMIF04-1502M8 Datasheet
198Kb / 10P
4-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
04-Feb-2008
EMIF02-1003M6 STMICROELECTRONICS-EMIF02-1003M6 Datasheet
199Kb / 10P
2 line IPAD?? EMI filter and ESD protection in Micro QFN package
07-Oct-2007
EMIF01-1003M3 STMICROELECTRONICS-EMIF01-1003M3 Datasheet
131Kb / 10P
1 line IPAD, EMI filter and ESD protection in Micro QFN package
07-Oct-2007
EMIF04-1005M8 STMICROELECTRONICS-EMIF04-1005M8 Datasheet
181Kb / 10P
4-line IPAD low capacitance EMI filter and ESD protection in micro QFN package
04-Feb-2008
EMIF06-1005N12 STMICROELECTRONICS-EMIF06-1005N12 Datasheet
486Kb / 12P
6-line IPAD?? low capacitance EMI filter and ESD protection in Narrow Micro QFN package
12-Jan-2010
EMIF01-1003M3 STMICROELECTRONICS-EMIF01-1003M3_10 Datasheet
136Kb / 11P
1 line IPAD?? EMI filter and ESD protection in Micro QFN package
03-Nov-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com