Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF08-LCD04M16 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF08-LCD04M16
Description  8-line L-C IPAD?? EMI filter and ESD protection in Micro QFN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF08-LCD04M16 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF08-LCD04M16 Datasheet HTML 1Page - STMicroelectronics EMIF08-LCD04M16 Datasheet HTML 2Page - STMicroelectronics EMIF08-LCD04M16 Datasheet HTML 3Page - STMicroelectronics EMIF08-LCD04M16 Datasheet HTML 4Page - STMicroelectronics EMIF08-LCD04M16 Datasheet HTML 5Page - STMicroelectronics EMIF08-LCD04M16 Datasheet HTML 6Page - STMicroelectronics EMIF08-LCD04M16 Datasheet HTML 7Page - STMicroelectronics EMIF08-LCD04M16 Datasheet HTML 8Page - STMicroelectronics EMIF08-LCD04M16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EMIF08-LCD04M16
Package information
Doc ID 15673 Rev 2
5/10
3
Package information
●
Epoxy meets UL94, V0
●
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Note:
Product marking may be rotated by 90° for assembly plant differentiation. In no case should
this product marking be used to orient the component for its placement on a PCB. Only pin
1 mark is to be used for this purpose.
Table 3.
Micro QFN 3.3x1.35 16L dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
0.50
0.55
0.018
0.020
0.022
A1
0.00
0.02
0.05
0.00
0.0008 0.002
b
0.15
0.20
0.25
0.006
0.008
0.010
D
-
3.30
-
-
0.13
-
D2
2.65
2.80
2.90
0.104
0.110
0.114
E
-
1.35
-
-
0.053
-
E2
0.25
0.40
0.50
0.010
0.016
0.020
e
-
0.40
-
-
0.016
-
k
0.20
-
-
0.008
-
-
L
0.15
0.25
0.35
0.006
0.010
0.014
Figure 9.
Footprint
Figure 10.
Marking
D
INDEX AREA
(D/2 x E/2)
TOP VIEW
SIDE VIEW
BOTTOM VIEW
E
A
e
D2
L
b
K
E2
A1
INDEX AREA
(D/2 x E/2)
EXPOSED PAD
PIN # 1 ID
1
8
9
16
0.40
0.45
0.40
0.20
2.80
3.00
0.85 1.75
XX
WW
Y P
Dot: Pin 1
XX: Marking
WW: Assembly week
Y: Assembly year
P: Assembly plant



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com