Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVALSP320SPLC Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVALSP320SPLC
Description  EVALSP320SPLC evaluation board for SPEAr320S
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSP320SPLC Datasheet(HTML) 1 Page - STMicroelectronics

  EVALSP320SPLC Datasheet HTML 1Page - STMicroelectronics EVALSP320SPLC Datasheet HTML 2Page - STMicroelectronics EVALSP320SPLC Datasheet HTML 3Page - STMicroelectronics EVALSP320SPLC Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice. For further information contact your local STMicroelectronics sales office.
April 2012
Doc ID 023093 Rev 1
1/4
4
EVALSP320SPLC
EVALSP320SPLC evaluation board for SPEAr320S
Data brief
− preliminary data
Features
■ 2 x Ethernet RJ-45 connectors (ST802RT1A)
■ 2 x CAN DB9 plug connectors
■ 3 x RS-232 DB9 plug connectors
(ST3232EBTR)
■ 1 x RS-485 DB9 socket connector
(ST3485EBDR)
■ Digital input connectors (parallel and serial)
compatible with STEVAL-IFP007V1, STEVAL-
IFP008V1 and STEVAL-IFP004V1 evaluation
boards
■ Digital output connectors (parallel and serial)
compatible with STEVAL-IFP009V1, STEVAL-
IFP001V1, STEVAL-IFP002V1 and STEVAL-
IFP006V1 evaluation boards
■ On-board temperature sensor (STLM20W87F)
and potentiometer (analog input for ADC)
■ Analog extension connector featuring 8 ADC
lines
■ General-purpose extension connector with
GPIOs and I2C functionality
■ DC/DC converter L7986A (+24 V / +5 V)
■ MicroSD card socket
■ 4 LEDs, 2 general-purpose buttons and system
reset button
www.st.com


Similar Part No. - EVALSP320SPLC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALSP320SCPU STMICROELECTRONICS-EVALSP320SCPU Datasheet
181Kb / 3P
EVALSP320SCPU evaluation board for SPEAr320S
12-Apr-2012
EVALSP320SHMI STMICROELECTRONICS-EVALSP320SHMI Datasheet
132Kb / 3P
SPEAr320S expansion board for HMI applications
16-Jul-2012
More results

Similar Description - EVALSP320SPLC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
Evaluation Board for STR72xF
04-Oct-2005
logo
Cirrus Logic
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
Evaluation Board for CS4352
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
Evaluation Board for CS4361
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
logo
STMicroelectronics
EVALSP320SCPU STMICROELECTRONICS-EVALSP320SCPU Datasheet
181Kb / 3P
EVALSP320SCPU evaluation board for SPEAr320S
12-Apr-2012
EVALSP320SHMI STMICROELECTRONICS-EVALSP320SHMI Datasheet
132Kb / 3P
SPEAr320S expansion board for HMI applications
16-Jul-2012
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
Evaluation Board for G
REV. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com