Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR006V1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STEVAL-TDR006V1
Description  2 stage RF power amp: PD84001 PD84008L-E LPF N-channel enhancement-mode lateral MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR006V1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STEVAL-TDR006V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR006V1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Typical performances
STEVAL-TDR006V1
6/18
Doc ID 15623 Rev 1
Table 4.
Parts list
Designator
Value
Quantity
Manufacturer
Part code
Size
C1, C5, C6, C20
1 µF
4
EPCOS
B45196E6105K209
CASE_B_TANT
C1F
2.2 pF
1
Murata
GRM1885C1H2R2CZ01
603
C2, C3, C4
120 pF
3
Murata
GRM1885C1H121J,
GRM1885C1H121JA01
603
C2F, C3F
3.3 pF
2
Murata
GRM1885C1H3R3CZ01
603
C4F, C5F
2.2 pF
2
Murata
GRM1885C1H2R2CZ01
603
C6F
4.7 pF
1
Murata
GRM1885C1H4R7CZ01
603
C7
100 nF
1
Murata
GRM188R71E104K
603
C7F, C8F
3.9 pF
2
Murata
GRM1885C1H3R9CZ01
603
C8, C10
470 pF
2
Murata
GRM1885C1H471J
603
C9
470 pF
1
Murata
GRM1885C1H471J
603
C9F
1.2 pF
1
Murata
GRM1885C1H1R2CZ01
603
C11
9.1 pF
1
Murata
CQM1885C1H9R1D
603
C13
22 pF
1
Murata
GRM1885C1H220J
603
C14
33 pF
1
Murata
GRM1885C1H330J
603
C15, C16
18 pF
2
Murata
CQM1885C1H180J,
GQM1885C1H180J
603
C17
8.2 pF
1
Murata
CQM3295C2A8R2D
603
C19
9.1pF
1
Murata
CQM1885C1H9R1D
603
DC-Con
5 poli
1
Phoenix Contact
1725685
2.54mm, 5 poli
L1
24 nH
1
Coilcraft
0603HC-24NXJLW
603
L1F, L2, L2F, L3F, L4F
12.5 nH
5
Coilcraft
A04TJLB_12.5nH
1606
L3
7.5 nH
1
Coilcraft
0603HC-7N5X_BW
603
L4
1.6 nH
1
Coilcraft
0603HC-1N6XJLW
603
L5
5 nH
1
Coilcraft
A02TJLC_5nH
1606
PD84001
LDMOS
1
STMicroelectronics
PD84001
PD84008L
LDMOS
1
STMicroelectronics
PD84008L-E
R1
300
1
Tyco/Electronics
Neohn
CRG Series Thick Film
Chip
603
R2
3 K
1
Tyco/Electronics
Neohn
CRG Series Thick Film
Chip
603
R3, R6
16
2
Tyco/Electronics
Neohn
CRG Series Thick Film
Chip
603
R4
3.6 K
1
Tyco/Electronics
Neohn
CRG Series Thick Film
Chip
603
R5
8.2 K
1
Tyco/Electronics
Neohn
CRG Series Thick Film
Chip
603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com