Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR007V1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-TDR007V1
Description  3 stage RF power amplifier demonstration board using: PD57002-E, PD57018-E, 2 x PD57060-E
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR007V1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-TDR007V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR007V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STEVAL-TDR007V1
Electrical data
3/11
1
Electrical data
1.1
Maximum ratings
2
Electrical characteristics
TA = +25
oC, VDD = 36 V, Idq = 100 mA, Freq. = 1030 MHz, PW = 32 μs, DC = 2.5 %
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
36
V
ID
Drain current
1.0
A
TCASE
Operating case temperature
+80
°C
TA
Max. ambient temperature
-10 to +50
°C
Table 3.
Electrical specification
Symbol
Test conditions
Min
Typ
Max
Unit
POUT
@ PIN = 23 dBm
52
53
dBm
IRL
@ PIN = 23 dBm
-10
dB
ITOTAL
@ PIN = 23 dBm
500
600
mA
Rise and
Fall time
@ PIN = 23 dBm
100
ns
Power
droop (1)
1.
1000 µF connected to 36 V supply pin
@ PIN = 23 dBm
0.2
1
dB
Harmonics @ PIN = 23 dBm
-60
-45
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com