Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR010V1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STEVAL-TDR010V1
Description  RF power amplifier demonstration board using: 2 x SD2942 N-channel enhancement-mode lateral MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR010V1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STEVAL-TDR010V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 11Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Features include
STEVAL-TDR010V1
8/13
Doc ID 17348 Rev 1
5
Features include
●
30 W input dummy load with automatic change-over case of alarm
●
Input directional coupler
●
Output directional coupler
●
Input forward power measurement 2.5 V @ 10 W
●
Input reflected power measurement 2.5 V @ 5 W
●
Output forward power measurement 2.5 V @ 700 W
●
Output reflected power measurement 2.5 V @ 250 W
●
Latching protection
●
Latch reset pin for manual restart (momentary to GND)
●
Over reflected power ultrafast alarm (700 nS)
●
Input pin for RF power inhibit
●
Acknowledge pin alarm + 5 V
Figure 5.
IDC connector piuout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com