Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR010V1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STEVAL-TDR010V1
Description  RF power amplifier demonstration board using: 2 x SD2942 N-channel enhancement-mode lateral MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR010V1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STEVAL-TDR010V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 11Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 12Page - STMicroelectronics STEVAL-TDR010V1 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STEVAL-TDR010V1
SD2942 mounting recommendations
Doc ID 17348 Rev 1
9/13
6
SD2942 mounting recommendations
6.1
Mounting recommendations
●
Ensure holes in heatsinks are free from burrs;
●
Minimum depth of tapped holes in heatsinks is 6 mm;
●
Use 4-40 UNC-2A cheese-head screws with a flat washer to spread the joint pressure;
●
The minimum flatness of the mounting area is 0.02 mm;
●
Mounting area roughness should be less than 0.5 µm (micro);
●
Avoid, as much as possible, use of flux or flux solutions because flux can penetrate
even when hermetically sealed ceramic-capped transistors. Tin and wash the printed-
circuit board BEFORE mounting the power transistors, then solder the transistor leads
without using flux;
●
Transistor leads may be tinned by dipping them full-length into a solder bath at a
temperature of about 230 °C. No flux should be used during tinning;
●
Recommended heatsink compounds: WPSII (silicon free) from Austerlitz Electronics,
340 from dow corning etc.
6.2
Mounting sequence
●
Apply a thin layer of evenly distributed heatsink compound to the flange;
●
Position the device with flat washers in place;
●
Tighten the screws until finger tight (0.05 Nm);
●
Further tighten the screws until the specified torque is reached;
●
For M174, M177 and M244 type of packages, torque should be minimum 0.6 Nm and
0.75 Nm max.
Table 4.
DMOS packages - list of materials
Package
Type
Description
Flange
Leadframe
Ceramic
insulator
Plating
Torque (Nm)
Leads
Flange
Min
Max
M174
0.500 dia 4l non
herm w/flange
Cu
Alloy 42
(Fe58 /
Ni42)
BeO
(99.5%
min)
Au (100 µ min)
over Ni (100 µ
min / 350 µ max)
Ni(100 µ min) +
Pd (10 µ min)
0.6
0.75
M174
(Moly
disk)
0.500 dia 4l non
herm w/flange
(moly disk)
Cu-Mo-
Cu
Alloy 42
(Fe58 /
Ni42)
BeO
(99.5%
min)
Au (100 µ min)
over Ni (100 µ
min / 350 µ max)
Ni(100 µ min) +
Pd (10 µ min)
0.6
0.75
M177
0.550 dia 4l non
herm w/flange
Cu-Mo-
Cu
Alloy 42
(Fe58 /
Ni42)
BeO
(99.5%
min)
Au (60 µ min)
over Ni (100 µ
min / 350 µ max)
Au (100 µ min)
over Ni (100 µ
min / 350µ max)
0.6
0.75
M244
2 x 0.400x0.425
wide 2l lap n/h
flange
W (85%)
- Cu
(15%)
Alloy 42
(Fe58 /
Ni42)
BeO(99.5
% min)
Au (60 µ min)
over Ni (100 µ
min / 350µ max)
Au (60 µ min)
over Ni (100 µ
min / 350µ max)
0.6
0.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com