Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR022V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-TDR022V1
Description  RF power amplifier using the PD85025-E for UHF OFDM and 2-way mobile radios
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR022V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-TDR022V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
October 2010
Doc ID 18079 Rev 1
1/8
8
STEVAL-TDR022V1
RF power amplifier using the PD85025-E
for UHF OFDM and 2-way mobile radios
Features
■ Excellent thermal stability
■ Frequency: 340 - 520 MHz
■ Supply voltage: 15 V
■ Output power: 10 WPEP
■ Gain: 16.5 dB min.
■ IMD3 < -27 dBc at 10 WPEP
■ Load mismatch: 20:1
■ BeO free amplifier
Description
The STEVAL-TDR022V1 is an demonstration
board using PD85025-E LDMOS transistor and
designed for UHF OFDM and 2-way mobile
radios.
Table 1.
Device summary
Order code
STEVAL-TDR022V1
Mechanical specification:
L = 60 mm, W = 30 mm
www.st.com


Similar Part No. - STEVAL-TDR022V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
Portable UHF 2-way radio demonstration board based on the PD84006L-E
18-Oct-2010
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
Demonstration board using the PD84008L-E for 900 MHz 2-way radio
14-Oct-2010
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
11-Oct-2010
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
Portable UHF 2-way radio demonstration board based on the PD84001
19-Oct-2010
STEVAL-TDR027V1 STMICROELECTRONICS-STEVAL-TDR027V1 Datasheet
215Kb / 11P
Portable UHF 2-way radio demonstration board based on the PD84008L-E
18-Oct-2010
More results

Similar Description - STEVAL-TDR022V1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW812A3 MOTOROLA-MHW812A3 Datasheet
243Kb / 4P
THE RF LINE UHF POWER AMPLIFIER
logo
Advanced Power Technolo...
MS1402 ADPOW-MS1402 Datasheet
90Kb / 3P
RF AND MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
logo
STMicroelectronics
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
11-Oct-2010
STEVAL-TDR007V1 STMICROELECTRONICS-STEVAL-TDR007V1 Datasheet
393Kb / 11P
3 stage RF power amplifier demonstration board using: PD57002-E, PD57018-E, 2 x PD57060-E
24-Mar-2009
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
Demonstration board based on the PD55008-E for UHF mobile radio
18-Oct-2010
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
Portable UHF 2-way radio demonstration board based on the PD84006L-E
18-Oct-2010
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
Demonstration board using the PD84008L-E for 900 MHz 2-way radio
14-Oct-2010
STEVAL-TDR027V1 STMICROELECTRONICS-STEVAL-TDR027V1 Datasheet
215Kb / 11P
Portable UHF 2-way radio demonstration board based on the PD84008L-E
18-Oct-2010
logo
M/A-COM Technology Solu...
MAPD-009278-5T1000 MA-COM-MAPD-009278-5T1000 Datasheet
126Kb / 2P
E-Series RF 2-Way 0째 Power Divider
logo
STMicroelectronics
UM0890 STMICROELECTRONICS-UM0890 Datasheet
442Kb / 7P
2-stage RF power amplifier with LPF based on the PD85006L-E and STAP85050 RF power transistors
18-Jan-2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com