Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR022V1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-TDR022V1
Description  RF power amplifier using the PD85025-E for UHF OFDM and 2-way mobile radios
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR022V1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-TDR022V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STEVAL-TDR022V1
Circuit layout
Doc ID 18079 Rev 1
5/8
3
Circuit layout
Figure 2.
Circuit layout
Table 3.
Component part list
Component ID
Description
Value
Case size
Manufacturer
Part code
B1
Ferrite bead
Panasonic
EXCELDRC35C
B2
Ferrite bead
Panasonic
EXCELDRC35C
C1, C2
Capacitor
120 pF
1206
Murata
GRM42-6 COG 121J 50_
C3
Capacitor
1 nF
1206
Murata
GRM42-6 COG 102J 50
C4
Capacitor
100 nF
1206
Murata
GRM42-6_X7R 104K 50_
C5
Capacitor
10 µF
SMT
Panasonic
EEVHB1V100P
C6, C12
Capacitor
180 pF
100B
ATC
ATC 100B 181JW
C7
Capacitor
22 pF
100B
ATC
ATC 100B 220JW
C8
Capacitor
47 pF
100B
ATC
ATC 100B 470JW
C9
Capacitor
36 pF
100B
ATC
ATC 100B 360JW
C10
Capacitor
22 pF
100B
ATC
ATC 100B 220JW
C11
Capacitor
47 pF
100B
ATC
ATC 100B 470 JW
C16
Capacitor
6.8 pF
100B
ATC
ATC 100B 6R8BW
C13
Capacitor
51 pF
100B
ATC
ATC 100B 510JW
C14
Capacitor
10 µF
Murata
GRM32NF51E106ZA01B
C15
Capacitor
330 nF
1206
Murata
GRM42-6_X7R 334K 50_
C17
Capacitor
9.1 pF
100B
ATC
ATC 100B 9R1JW
D1
Zener diode
5.1 V
SOD110
Philips
BZX284C5V1
L1
Inductor
22 nH
Coilcraft
B07TJLB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com