Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR027V1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STEVAL-TDR027V1
Description  Portable UHF 2-way radio demonstration board based on the PD84008L-E
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR027V1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STEVAL-TDR027V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Test circuit
STEVAL-TDR027V1
8/11
Doc ID 18109 Rev 1
R2
Potentiometer
10 k
Ω
Bourns Electronics
3214W-1-103E
R3
Resistor
560
Ω
1206
Bourns Electronics
TL1
Transmission line
W=2.87 mm
L=7.4 mm
TL2
W=2.87 mm
L=5.0 mm
TL3
W=4.98 mm
L=4.8 mm
TL4
W=4.98 mm
L=4.0 mm
TL5
W=2.87 mm
L=1.5 mm
TL6
W=2.87 mm
L=6.1 mm
PD84008L
LDMOS
STMicroelectronics
PD84008L-E
Board
FR-4 THk=0.060" 2OZ Cu both sides
Table 4.
Component list (continued)
Component
ID
Description
Value
Case size
Manufacturer
Part code



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com