Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR027V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-TDR027V1
Description  Portable UHF 2-way radio demonstration board based on the PD84008L-E
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR027V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-TDR027V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
October 2010
Doc ID 18109 Rev 1
1/11
11
STEVAL-TDR027V1
Portable UHF 2-way radio demonstration board
based on the PD84008L-E
Features
■ Excellent thermal stability
■ Frequency: 380 - 512 MHz
■ Supply voltage: 7.2 V
■ Output power: > 6 W
■ Power gain: 11.7
±0.5 dB
■ Efficiency: 46% - 71%
■ Load mismatch: 20:1 all phases
■ BeO-free amplifier
Description
The STEVAL-TDR027V1 demonstration board is
a portable UHF 2-way radio designed as a
platform for evaluating the performance of the
PD84008L-E LDMOS RF power transistor.
Table 1.
Device summary
Part number
STEVAL-TDR027V1
Mechanical specification:
L = 60 mm, W = 30 mm
www.st.com


Similar Part No. - STEVAL-TDR027V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
Portable UHF 2-way radio demonstration board based on the PD84006L-E
18-Oct-2010
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
Demonstration board using the PD84008L-E for 900 MHz 2-way radio
14-Oct-2010
STEVAL-TDR022V1 STMICROELECTRONICS-STEVAL-TDR022V1 Datasheet
326Kb / 8P
RF power amplifier using the PD85025-E for UHF OFDM and 2-way mobile radios
11-Oct-2010
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
11-Oct-2010
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
Portable UHF 2-way radio demonstration board based on the PD84001
19-Oct-2010
More results

Similar Description - STEVAL-TDR027V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
11-Oct-2010
STEVAL-TDR019V1 STMICROELECTRONICS-STEVAL-TDR019V1 Datasheet
202Kb / 9P
Demonstration board using the PD85004 for 900 MHz 2-way radio
12-Oct-2010
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
Demonstration board based on the PD55008-E for UHF mobile radio
18-Oct-2010
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
Portable UHF 2-way radio demonstration board based on the PD84006L-E
18-Oct-2010
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
Demonstration board using the PD84008L-E for 900 MHz 2-way radio
14-Oct-2010
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
Portable UHF 2-way radio demonstration board based on the PD84001
19-Oct-2010
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
Connectivity gateway demonstration board based on the STM32F107
15-Jun-2010
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com