Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP81124 Datasheet(PDF) 21 Page - Sony Corporation

Part # CXP81124
Description  CMOS 8-bit Single Chip Microcomputer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP81124 Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXP81124 Datasheet HTML 17Page - Sony Corporation CXP81124 Datasheet HTML 18Page - Sony Corporation CXP81124 Datasheet HTML 19Page - Sony Corporation CXP81124 Datasheet HTML 20Page - Sony Corporation CXP81124 Datasheet HTML 21Page - Sony Corporation CXP81124 Datasheet HTML 22Page - Sony Corporation CXP81124 Datasheet HTML 23Page - Sony Corporation CXP81124 Datasheet HTML 24Page - Sony Corporation CXP81124 Datasheet HTML 25Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
– 21 –
CXP81120/81124
SO1 cycle time
SI1 data setup time
SI1 data hold time
tLCY
tLSU
tLHD
SO1
SI1
SI1
SI1
∗1
2
2
104
µs
µs
µs
Item
Symbol
Pin
Condition
Min.
Typ.
Max.
Unit
Serial transfer (CH1) (Special mode) (Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V reference)
∗1 t
LCY
is specified only when serial mode register (CH1) (SIOM1: 01FAH) lower 2 bits (SO1 clock selection) is
set at 104µs according to the system clock frequency.
Note) The load of SO1 pin is 50pF + 1TTL.
SO1 cycle time
SI1 data setup time
SI1 data hold time
tLCY
tLSU
tLHD
SO1
SI1
SI1
SI1
∗1
2
2
104
µs
µs
µs
Item
Symbol
Pin
Condition
Min.
Typ.
Max.
Unit
Serial transfer (CH1) (Special mode) (Ta = –20 to +75°C, VDD = 3.0 to 3.6V, Vss = 0V reference)
∗1 t
LCY
is specified only when serial mode register (CH1) (SIOM1: 01FAH) lower 2 bits (SO1 clock selection) is
set at 104µs according to the system clock frequency.
Note) The load of SO1 pin is 50pF.
Fig. 6. Serial transfer CH1 timing (Special mode)
SO1
SI1
tLCY
Start bit
Output data bit
tLCY
0.5VDD
0.8VDD
0.2VDD
tLCY/2
tLSU
tLHD
Input
data bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com